công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5STP160-R

  • AI
    ## Overview of the 5STP 160-R The **5STP 160-R** is a high-power industrial semiconductor device, specifically a **Phase Control Thyristor (SCR)**. It is manufactured by ABB (now Hitachi Energy) and is designed for applications requiring high voltage and high current switching. --- ### 1. Key Technical Specifications The specifications for the 5STP 160-R define its capacity to handle electrical loads and its thermal tolerances. | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Off-State Voltage** | $V_{DRM}$ | 1200V - 1600V | | **Average On-State Current** | $I_{T(AV)}$ | ~160A | | **RMS On-State Current** | $I_{T(RMS)}$ | ~250A | | **Peak Non-Repetitive Surge Current** | $I_{TSM}$ | ~3000A (at 10ms) | | **Gate Trigger Current** | $I_{GT}$ | 150mA | | **Junction Temperature Range** | $T_j$ | -40°C to +125°C | --- ### 2. Physical Design and Package The "R" in the suffix often denotes the package style, which is typically a **Stud Version** or a **Press-pack** (hockey puck) design, though the 160 series is most commonly found in a **Stud Mount (TO-209 / TO-94)** configuration. * **Anode:** Usually the threaded stud, which provides both electrical connection and a thermal path to the heatsink. * **Cathode:** The heavy lead/terminal at the top. * **Gate:** The smaller auxiliary wire used to trigger the device. --- ### 3. Core Functional Features * **Phase Control:** Optimized for low switching frequencies (50Hz/60Hz), allowing for precise control of AC power by delaying the firing angle. * **Low On-State Voltage Drop:** Minimizes power dissipation during conduction, increasing efficiency. * **High Surge Capacity:** Capable of withstanding significant momentary overcurrents, which is critical for motor starting or fault conditions. * **Hermetic Seal:** The internal silicon wafer is protected by a ceramic or metal seal to ensure long-term reliability in harsh environments. --- ### 4. Typical Applications The 5STP 160-R is widely used in heavy-duty power electronics: 1. **AC Motor Starters:** Providing "Soft Start" capabilities by gradually increasing voltage. 2. **DC Drives:** Controlling the speed of large DC motors in industrial mills or conveyors. 3. **Controlled Rectifiers:** Converting AC to DC for battery charging or electroplating. 4. **Static VAR Compensators (SVC):** Used in power grids to improve power quality. --- ### 5. Circuit Symbol and Operation ```text Anode (A) | ----- \ / <-- Gate (G) ----- | Cathode (K) ``` * **Blocking State:** The device remains "Off" even when forward-biased until a current pulse is applied to the **Gate**. * **Conduction State:** Once triggered, it remains "On" until the current through the Anode-Cathode falls below the **Holding Current ($I_H$)**.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the 5STP 160-R to prevent thermal runaway?
    • ⤷ How does the gate trigger voltage (VGT) affect the firing circuit design?
    • ⤷ What is the difference between the 5STP 160-R and its higher-current equivalents in the 5STP series?