công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5ST80-R

  • AI
    ## Overview of the 5ST80-R The **5ST80-R** is a specific electronic component typically categorized as a **Subminiature Slow-Blow (Time-Lag) Fuse**. It belongs to the 5ST series, which is widely used in power supplies, consumer electronics, and industrial equipment to provide overcurrent protection. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Subminiature Fuse (5x20mm standard) | | **Characteristic** | Slow-Blow / Time-Lag (T) | | **Current Rating** | 80mA (as indicated by "80") | | **Voltage Rating** | Typically 250V AC | | **Breaking Capacity** | 35A @ 250V AC | | **Material** | Glass body with brass end caps (Nickel-plated) | | **Standard** | IEC 60127-2/3 | --- ### Key Features 1. **Slow-Blow (Time-Lag) Functionality**: Unlike fast-acting fuses, the 5ST80-R is designed to withstand temporary surges or "inrush currents." This makes it ideal for circuits with inductive loads (like motors or transformers) that draw a lot of power momentarily when turned on. 2. **Compact Form Factor**: The "5ST" series usually refers to the physical dimensions, most commonly the **5mm x 20mm** cylinder, which is a global standard for small electronic devices. 3. **The "-R" Suffix**: In modern electronics manufacturing, the suffix **-R** almost always indicates **RoHS Compliance**. This means the part is lead-free and meets environmental safety standards. --- ### Internal Construction and Operation The internal part consists of a **meltable wire** (the element) housed inside a glass tube. * **The Element**: In a 80mA slow-blow fuse, the wire is often thicker or coiled around a core to increase its thermal mass. * **Melting Point**: When the current exceeds 80mA significantly for a sustained period, the wire heats up and melts, breaking the circuit. * **Arc Quenching**: The glass tube prevents the resulting electrical arc from damaging surrounding components. ### Typical Applications * **Primary Protection**: Used on the AC input side of small power adapters. * **Sensitive Electronics**: Protecting PCB-level circuits that operate at very low currents (80mA). * **Medical Equipment**: Due to its reliability and adherence to IEC standards. --- ### Identification Guide If you are looking at the part, the metal caps will usually be stamped with: * **T**: Indicating Time-Lag (Slow-Blow). * **80mA**: The current rating. * **250V**: The maximum voltage. * **Manufacturer Logo**: (e.g., Bel Fuse, Littelfuse, etc.)
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5ST80-R and a fast-acting 5SF version?
    • ⤷ Can I replace an 80mA fuse with a 100mA fuse if I don't have the exact part?
    • ⤷ What does the breaking capacity (35A) mean for this specific fuse?