công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5SF2-R

  • AI
    The **5SF2-R** is a specific type of electronic component, primarily classified as a **miniature cartridge fuse**. It is part of the 5SF series manufactured by **Bel Fuse Inc.**, designed for high-speed protection of sensitive electronic circuits. --- ### 1. Technical Specifications The "R" suffix in the part number typically denotes that the component is **RoHS compliant** (lead-free). Below are the core technical characteristics: | Property | Description | | :--- | :--- | | **Fuse Type** | Fast-Acting (Quick Acting) | | **Body Material** | Glass Tube | | **Physical Size** | 5mm x 20mm | | **Current Rating** | 2 Amperes | | **Voltage Rating** | 250V AC | | **Interrupting Rating** | 35A @ 250V AC / 10,000A @ 125V AC | | **Termination Style** | Cartridge (Ferrule) | --- ### 2. Key Features * **Fast-Acting Characteristic:** This fuse is designed to open (blow) very quickly when an overcurrent occurs. It does not have the "time-delay" needed for motor startups, making it ideal for protecting delicate semiconductors. * **Low Internal Resistance:** Designed to have minimal impact on the circuit's power consumption under normal operating conditions. * **Standard Dimensions:** The 5x20mm form factor is one of the most common fuse sizes globally, ensuring easy replacement and compatibility with standard fuse holders and clips. * **Safety Standards:** Usually carries certifications such as UL, CSA, VDE, and CE. --- ### 3. Applications The 5SF2-R is commonly found in the following electronic environments: 1. **Consumer Electronics:** Power supplies for laptops, printers, and monitors. 2. **Power Adapters:** Protecting AC/DC adapters from short circuits. 3. **Industrial Equipment:** Control panels and PLCs where rapid disconnection is required to prevent component damage. 4. **Testing Instruments:** Multimeters and oscilloscopes often use fast-acting fuses to protect internal circuitry from user error. --- ### 4. Circuit Diagram Representation In a schematic, a fuse like the 5SF2-R is represented by a specific symbol: ```text F1 (2A) ---[ ~~~~~~~ ]--- 5SF2-R ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5SF series and the 5ST (Time-Lag) series?
    • ⤷ Can a 5SF2-R fuse be used in a DC circuit even if it is rated for 250V AC?
    • ⤷ What are the common mounting options for a 5x20mm cartridge fuse?