công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5MV-154-R/

  • AI
    The **5MV-154-R** is a high-performance **Metallized Polypropylene Film Capacitor** typically manufactured by companies like **Vishay** or **Illinois Capacitor**. These components are specifically designed for high-frequency, high-current applications. ### Technical Specifications Below are the typical specifications for the 5MV-154-R series: | Feature | Specification | | :--- | :--- | | **Capacitance Value** | 0.15 µF (154 in code) | | **Voltage Rating** | Generally 500V to 1000V DC (depending on specific sub-series) | | **Dielectric Material** | Metallized Polypropylene | | **Tolerance** | ±10% (standard "K" tolerance) | | **Mounting Type** | Through-hole / Radial Leads | | **Operating Temperature** | -40°C to +85°C (up to 105°C with derating) | --- ### Key Internal Characteristics #### 1. Metallized Polypropylene (PP) Dielectric Unlike standard electrolytic capacitors, these use a plastic film with a thin metal layer vacuum-deposited on it. * **Self-Healing:** If a breakdown occurs due to a voltage spike, the thin metal layer evaporates, isolating the fault and allowing the capacitor to continue functioning. * **Low Dissipation Factor:** This means the capacitor generates very little heat even when handling high-frequency AC. #### 2. Non-Inductive Construction The winding technique used in these parts is designed to minimize internal inductance, which is critical for high-speed switching circuits. --- ### Typical Applications The 5MV-154-R is commonly found in the following electronic environments: * **Switch-Mode Power Supplies (SMPS):** Used for filtering and snubbing. * **Pulse Circuits:** High-speed energy discharge. * **Electronic Ballasts:** Used in lighting control circuits. * **Audio Equipment:** Sometimes used in high-end crossovers due to the low distortion of polypropylene. --- ### Code Breakdown * **5MV:** Series designation (High voltage metallized film). * **154:** Capacitance code ($15 \times 10^4$ pF = 150,000 pF = **0.15 µF**). * **R:** Packaging/Lead style (usually indicates radial leads or RoHS compliance).
    ✨ Follow-up Questions
    • ⤷ What are the safety advantages of 'self-healing' in film capacitors?
    • ⤷ How does a polypropylene capacitor compare to a ceramic capacitor in high-frequency applications?
    • ⤷ What is the equivalent series resistance (ESR) profile of this part?