công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5MF7-R

  • AI
    The **5MF7-R** is a specific type of electronic component used primarily for circuit protection. Specifically, it is a **Fast-Acting Glass Tube Fuse**. Below is a detailed breakdown of its specifications, physical properties, and common applications. ### 1. Technical Specifications The "5MF" series follows a standardized naming convention. Here are the core electrical characteristics for the **5MF7-R**: | Property | Value / Description | | :--- | :--- | | **Component Type** | Cartridge Fuse (Glass Tube) | | **Current Rating** | 7 Amperes (7A) | | **Voltage Rating** | 125V AC / 250V AC (Standard ratings) | | **Speed/Response Time** | Fast-Acting (F) | | **Breaking Capacity** | 200A at 125V AC / 100A at 250V AC | | **RoHS Compliant** | Yes (Indicated by the **-R** suffix) | --- ### 2. Key Features and Physical Attributes The 5MF series has distinct physical dimensions and construction details: * **Standard Size:** It measures **5mm x 20mm**. This is one of the most common fuse sizes globally, used in a wide variety of electronic devices. * **Material:** It features a transparent glass body, allowing for easy visual inspection to see if the internal filament has melted (blown). * **Termination:** The ends are capped with nickel-plated brass for high conductivity and corrosion resistance. * **Response Curve:** As a "Fast-Acting" fuse, it is designed to open (blow) quickly—typically within milliseconds—when an overcurrent occurs. It does not tolerate high "in-rush" currents like a slow-blow (time-delay) fuse would. --- ### 3. Part Number Decoding Understanding the nomenclature helps in identifying similar parts: * **5MF:** The series designation (Fast-acting, 5x20mm). * **7:** The amperage rating (7 Amps). * **-R:** Indicates that the part is lead-free and complies with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 4. Common Applications Because the 5MF7-R responds quickly to short circuits and overloads, it is found in: 1. **Consumer Electronics:** Power supplies for monitors, printers, and audio equipment. 2. **Industrial Equipment:** Control panels and sensitive instrumentation. 3. **Chargers:** Laptop adapters and battery charging stations. 4. **Appliances:** Small kitchen appliances where immediate disconnection is required during a fault to prevent fire. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5MF series and the 5MT series?
    • ⤷ Can I use a 250V rated 5MF7-R in a 12V DC circuit?
    • ⤷ How do I visually confirm if a 5MF7-R fuse is blown?