công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5MF300-R

  • AI
    ### Overview of 5MF300-R The **5MF300-R** is a high-quality electronic component, specifically a **fast-acting glass tube fuse**. It is part of the 5MF series, designed to provide overcurrent protection for sensitive electronic circuits. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Fuse Type** | Glass Body / Cartridge | | **Current Rating** | 300 mA (0.3 Amps) | | **Voltage Rating (AC)** | 250 V | | **Response Characteristic** | Fast-Acting (F) | | **Physical Size** | 5mm x 20mm | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (denoted by the "-R" suffix) | --- ### Detailed Characteristics #### 1. Fast-Acting Response Unlike "Slow-Blow" or "Time-Delay" fuses, the 5MF300-R is engineered to open the circuit almost instantaneously when a current spike exceeds its 300mA rating. This makes it ideal for protecting delicate semiconductors and ICs. #### 2. Material and Build * **Body:** Transparent glass, allowing for easy visual inspection to see if the internal filament has melted. * **End Caps:** Nickel-plated brass or similar conductive alloy for low resistance and high corrosion resistance. * **Suffix "-R":** Indicates that the part is lead-free and complies with RoHS (Restriction of Hazardous Substances) standards. #### 3. Interrupting Rating This fuse typically has an interrupting rating (breaking capacity) of: * **35A @ 250V AC** * **10,000A @ 125V AC** (Standard for these types of 5x20mm fuses) --- ### Common Applications The 5MF300-R is widely used in low-power consumer electronics and industrial equipment: * Power supplies for small electronics. * Test and measurement instruments. * Medical devices. * Control boards for appliances. --- ### Safety and Replacement Note When replacing this fuse, it is critical to ensure that the replacement is also **Fast-Acting**. Using a Slow-Blow fuse of the same amperage could allow a power surge to damage the circuitry before the fuse triggers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Time-Delay fuse in this context?
    • ⤷ Can I use a 300mA fuse with a higher voltage rating than 250V?
    • ⤷ Which manufacturers produce the 5MF300-R series?