5HFP400-R
AI

## Overview of the 5HFP400-R
The **5HFP400-R** is a high-performance **radial leaded subminiature fuse**. It belongs to the "5HFP" series produced by Bel Fuse Inc. These fuses are designed for space-constrained applications where reliable overcurrent protection is critical.
---
### Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the 5HFP400-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 400 mA |
| **Voltage Rating (AC)** | 250 V |
| **Fuse Type** | Quick-Acting / Fast Blow |
| **Mounting Style** | Through Hole (Radial Lead) |
| **Body Material** | Ceramic |
| **Lead Finish** | Matte Tin-Plated Copper |
| **Breaking Capacity** | 100A @ 250V AC |
| **Operating Temperature** | -55°C to +125°C |
| **Compliance** | RoHS 6 Compliant, Lead-Free |
---
### Key Features and Construction
1. **Fast-Acting Characteristic:**
The "HFP" designation indicates a **fast-acting** blow time. This means the fuse is designed to disconnect the circuit very quickly when an overload occurs, protecting sensitive downstream components like semiconductors.
2. **Compact Form Factor:**
The "subminiature" design allows it to occupy minimal PCB real estate compared to standard glass cartridge fuses (e.g., 5x20mm).
3. **Safety Approvals:**
These components are typically recognized by safety agencies such as **UL (Underwriters Laboratories)** and **CSA**, ensuring they meet international safety standards for fire and shock prevention.
---
### Typical Applications
The 5HFP400-R is commonly found in the following electronic environments:
* **Power Supplies:** Used as primary protection in small AC/DC adapters.
* **Consumer Electronics:** Protecting circuit boards in televisions, monitors, and chargers.
* **Industrial Equipment:** Overcurrent protection for control circuits and sensors.
* **Telecommunications:** Protection for networking hardware and modems.
---
### Identification Breakdown
* **5HFP**: Series name (Fast-acting, radial lead).
* **400**: Current rating (400 milliamps).
* **-R**: Indicates compliance with RoHS (Restriction of Hazardous Substances) standards.
- ⤷
What is the difference between a fast-acting fuse and a time-delay fuse in this series?
- ⤷ How should I calculate the derating for this fuse at high temperatures?
- ⤷ What are the physical dimensions of the 5HFP400-R for PCB layout?