5HFP315-R
AI

The **5HFP315-R** is a specific type of electronic component known as a **Subminiature Radial Lead Fast-Acting Fuse**. It is part of the 5HFP series manufactured by companies like Bel Fuse Inc. These components are critical for protecting sensitive electronic circuits from overcurrent conditions.
---
### 1. Key Technical Specifications
The part number "5HFP315-R" can be broken down to understand its characteristics:
| Feature | Specification |
|:---|:---|
| **Fuse Type** | Fast-Acting (Quick Acting) |
| **Current Rating** | 315mA (0.315 Amperes) |
| **Voltage Rating (AC)** | 250V AC |
| **Package / Case** | Radial Lead (Micro Fuse), Round Body |
| **Mounting Type** | Through-Hole |
| **Termination** | Radial (Two pins protruding from the bottom) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Characteristics
The 5HFP series is designed for space-saving on Printed Circuit Boards (PCBs).
* **Form Factor:** It features a small, cylindrical plastic body.
* **Dimensions:** Typically ~8.5mm in diameter and ~8mm in height.
* **Lead Spacing:** Usually 5.08mm between the two pins.
* **Durability:** The plastic casing is often thermoplastic and UL 94-V0 flammability rated.
---
### 3. Functional Behavior
As a **Fast-Acting** fuse, the 5HFP315-R is designed to open (blow) very quickly when the current exceeds 315mA.
* **Fast-Acting vs. Time-Delay:** Unlike "Slow-Blow" fuses, this fuse does not tolerate temporary current surges (like motor startups). It is used for circuits where even a brief spike could damage delicate semiconductors.
* **Interrupting Rating:** It is capable of safely breaking the circuit at specific fault current levels (often 35A or 50A depending on the specific voltage environment).
---
### 4. Common Applications
Due to its small size and fast response time, you will commonly find this part in:
* **Power Supplies:** Protecting the primary or secondary stages of AC/DC adapters.
* **Consumer Electronics:** Chargers, LED lighting drivers, and televisions.
* **Industrial Equipment:** Control boards and instrumentation where space is limited.
* **Battery Chargers:** Preventing overcurrent during the charging cycle.
---
### 5. Identification Code
If you are looking at the component, the markings usually follow this logic:
```text
5HFP
315mA
250V
(Safety Logos: UL, VDE, etc.)
```
- ⤷
What is the difference between the 5HFP and the 5ET time-delay series?
- ⤷ Can this fuse be used in DC applications even if it is rated for 250V AC?
- ⤷ What are the recommended soldering temperature profiles for radial lead fuses?