công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5HFP10-R

  • AI
    The **5HFP 10-R** is a specific type of high-performance electronic component used primarily for circuit protection. It belongs to a family of **subminiature, fast-acting fuses** manufactured by **Bel Fuse Inc.** Below is a detailed breakdown of its specifications, construction, and applications. --- ## 1. Technical Specifications The part number "5HFP 10-R" contains encoded information about its electrical characteristics: | Parameter | Specification | Details | |:---|:---|:---| | **Current Rating** | 10A | Maximum continuous current it can carry. | | **Voltage Rating** | 250V AC | The maximum voltage the fuse can safely interrupt. | | **Response Characteristic** | Fast-Acting (F) | Designed to blow quickly under overload conditions. | | **Form Factor** | 5x20mm | Standard miniature tube size. | | **Interrupting Rating** | 1500A @ 250V AC | Ability to safely stop high surge currents without exploding. | | **Material** | Pigtail / Axial Lead | The "P" indicates axial leads for PCB mounting. | | **RoHS Compliant** | Yes (indicated by -R) | Lead-free and environmentally friendly. | --- ## 2. Construction and Design The 5HFP series is designed for space-constrained environments where traditional fuse holders might be too bulky. ### Physical Build * **Body:** Ceramic or high-grade glass tube (depending on the specific voltage/safety requirements). * **Leads:** Tin-plated copper axial leads, allowing the part to be soldered directly onto a Printed Circuit Board (PCB). * **Internal Element:** A precisely calibrated wire or metal strip that melts when the current exceeds 10 Amps for a specific duration. ### Key Benefits 1. **Compactness:** The 5x20mm size is a global standard, making it easy to source and replace. 2. **Safety Standards:** Typically carries certifications such as UL, CSA, VDE, and PSE, ensuring it meets international safety requirements. 3. **Low Internal Resistance:** Minimizes power loss and heat generation during normal operation. --- ## 3. Common Applications This fuse is generally used to protect sensitive electronic equipment from overcurrent and short-circuit conditions. Common devices include: * **Power Supplies:** Protecting the primary side of AC/DC converters. * **Consumer Electronics:** Televisions, audio equipment, and large appliances. * **Industrial Equipment:** Control boards, motors, and PLC units. * **Chargers:** High-wattage laptop and tool chargers. --- ## 4. Comparison: Fast-Acting vs. Time-Delay It is critical not to confuse the **5HFP** (Fast-Acting) with the **5HTP** (Time-Delay). | Feature | 5HFP (Fast-Acting) | 5HTP (Time-Delay/Slo-Blo) | |:---|:---|:---| | **Surge Tolerance** | Low (Trips immediately) | High (Withstands startup inrush) | | **Best For** | Resistive loads, ICs | Inductive loads, Motors | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between axial leaded fuses and cartridge fuses in terms of maintenance?
    • ⤷ Can a 10A fast-acting fuse be replaced with a 10A time-delay fuse in a circuit?
    • ⤷ What are the soldering temperature recommendations for mounting 5HFP fuses on a PCB?