công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5HF200-R

  • AI
    ### Overview of the 5HF200-R The **5HF200-R** is a specific model of a miniature cartridge fuse manufactured by **Bel Fuse Inc.** It is designed for high-performance circuit protection, particularly in environments where high breaking capacity is required. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the 5HF200-R: | Characteristic | Specification | | :--- | :--- | | **Part Number** | 5HF200-R | | **Current Rating** | 200mA (0.2A) | | **Voltage Rating (AC)** | 250V | | **Fuse Type** | Fast-Acting (Quick Acting) | | **Fuse Size** | 5mm x 20mm | | **Breaking Capacity** | 1500A @ 250V AC | | **Material** | Ceramic Tube (High Interrupting) | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### Key Features and Construction 1. **Ceramic Body:** Unlike glass fuses, the ceramic construction allows the fuse to handle higher internal pressures and temperatures. This contributes to its **High Breaking Capacity**, meaning it can safely interrupt very high fault currents without the casing shattering. 2. **Fast-Acting Response:** The "HF" series denotes a fast-acting characteristic. This is critical for protecting sensitive electronic components that cannot withstand even brief periods of overcurrent. 3. **Silver-Plated Caps:** The end caps are typically constructed from brass with silver or nickel plating to ensure high conductivity and resistance to corrosion. 4. **Environmental Standards:** The "-R" suffix confirms the part is lead-free and complies with RoHS (Restriction of Hazardous Substances) directives. --- ### Typical Applications The 5HF200-R is commonly used in industrial and consumer electronics where precision and safety are paramount: * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Medical Equipment:** Due to its reliability and high breaking capacity. * **Test Instruments:** Used in multimeters and oscilloscopes to protect internal circuitry from surges. * **Monitors and Displays:** Protection against internal component failure. --- ### Equivalent Series Reference If you are searching for similar parts in different formats, Bel Fuse offers the following variations: * **5HF (Standard):** The 5x200mm cartridge version. * **5HFP (Pigtail):** The same fuse but with axial leads for through-hole PCB mounting.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fast-acting fuse like the 5HF and a slow-blow fuse?
    • ⤷ How does the breaking capacity of a ceramic fuse compare to a glass fuse?
    • ⤷ Can this fuse be used in DC applications
    • ⤷ or is it strictly for AC?