AI

The **5HF160-R** is a specific type of electronic component—specifically a **miniature cartridge fuse**. It belongs to the 5HF series, which is characterized by its high-breaking capacity and fast-acting response times.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the 5HF160-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Cartridge Fuse |
| **Current Rating** | 160mA (0.16A) |
| **Voltage Rating (AC)** | 250V |
| **Response Characteristic** | Fast-Acting (F) / Quick Acting |
| **Dimensions** | 5mm x 20mm |
| **Breaking Capacity** | 1500A @ 250V AC |
| **Material** | Ceramic Tube with Silver-plated Brass Caps |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
## 2. Key Features and Construction
### Ceramic Body
Unlike glass fuses, the 5HF series uses a **ceramic tube**. Ceramic is used because it can withstand much higher internal pressures and temperatures. This allows the fuse to have a "High Breaking Capacity," meaning it can safely interrupt very high fault currents without the body of the fuse shattering.
### Fast-Acting (F)
The "F" designation indicates that this fuse is designed to open very quickly when an overcurrent occurs. It does not have a "time-delay" mechanism, making it ideal for protecting sensitive electronic components like ICs and semiconductors that cannot survive even brief surges.
### The "-R" Suffix
In the electronics industry, the "-R" at the end of a part number typically signifies **RoHS Compliance**. This means the part is manufactured without the use of hazardous substances like lead, cadmium, or mercury.
---
## 3. Applications
The 5HF160-R is commonly found in the following environments:
* **Power Supplies:** Protecting the input stage of small electronic devices.
* **Test Equipment:** Safeguarding internal circuitry in multimeters and oscilloscopes.
* **Industrial Controls:** Used in PLC modules where precise, low-current protection is required.
* **Consumer Electronics:** Chargers and adapters for high-end audio/video equipment.
---
## 4. Part Number Breakdown
To better understand similar parts, here is how the code is structured:
* **5HF:** Series name (5x20mm, Ceramic, Fast-acting).
* **160:** Current rating (160 milliamperes).
* **-R:** Lead-free / RoHS compliant.
- ⤷
What is the difference between a ceramic fuse and a glass fuse of the same rating?
- ⤷ Can I replace a 5HF160-R with a 160mA Time-Delay (Slow-Blow) fuse?
- ⤷ How does the breaking capacity affect the safety of a circuit?