5HF125-R
AI

The **5HF125-R** is a specific type of electronic component, primarily classified as a **High-Breaking Capacity Miniature Glass Body Cartridge Fuse**. It is part of the 5HF series manufactured by companies like **Bel Fuse Inc.**
---
### ## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the 5HF125-R:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | 5HF125-R |
| **Current Rating** | 125 mA (0.125 Amps) |
| **Voltage Rating (AC)** | 250 V |
| **Fuse Speed** | Fast Acting (Quick Acting / F) |
| **Breaking Capacity** | 1500 A @ 250V AC |
| **Body Material** | Glass |
| **Size / Dimension** | 5mm x 20mm |
| **Termination Style** | Cartridge (Ferrule) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### ## 2. Key Features and Meaning of the Suffixes
The alphanumeric code provides specific information about the part's build:
* **5HF**: Represents the series name. "5H" usually denotes the 5x20mm physical size with high-breaking capacity.
* **125**: Represents the current rating in milliamperes (125mA).
* **-R**: Stands for **RoHS Compliant**. This indicates the part is manufactured without lead or other hazardous substances restricted by EU environmental standards.
---
### ## 3. Comparison: Fast-Acting vs. Time-Delay
The 5HF125-R is a **Fast-Acting** fuse. It is crucial to distinguish this from "Slow-Blow" (Time-Delay) fuses:
1. **Response Time**: It opens (blows) almost immediately when the current exceeds 100% of the rating.
2. **Protection Type**: It is designed to protect sensitive components (like ICs and semiconductors) that cannot withstand even brief surges.
3. **Inrush Current**: It should **not** be used in circuits with high initial power surges (like motors or large transformers), as it will blow prematurely.
---
### ## 4. Common Applications
Due to its 5x20mm standard size and low amperage, it is commonly found in:
* Power supplies for small electronics.
* Test and measurement instruments (multimeters).
* Consumer appliances (coffee makers, monitors).
* Industrial control panels for low-current signal protection.
---
### ## 5. Safety Standards
This part typically complies with international safety standards to ensure reliability:
* **UL/CSA**: North American safety listing.
* **VDE/Semko/IEC**: European and International standards (specifically **IEC 60127-2**, Sheet 1).
- ⤷
What is the difference between high-breaking capacity and low-breaking capacity in fuses?
- ⤷ Can I replace a 5HF125-R with a 125mA Slow-Blow fuse?
- ⤷ How do I test if a 5HF125-R fuse is blown using a multimeter?