5ET3.15-R
AI

The **5ET3.15-R** is a specific ceramic-bodied subminiature fuse, commonly manufactured by **Bel Fuse Inc.** This electronic component is designed to provide overcurrent protection for compact electronic circuits.
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Characteristic | Specification |
| :--- | :--- |
| **Part Series** | 5ET |
| **Current Rating** | 3.15 Amperes (3.15A) |
| **Voltage Rating** | 250V AC |
| **Fuse Type** | Time-Lag (Slow Blow) / High Breaking Capacity |
| **Mounting Type** | Radial Lead (Through-Hole) |
| **Body Material** | Ceramic |
| **Dimensions** | Approx. 8.35mm x 7.7mm (Subminiature) |
---
### 2. Physical Design and Packaging
* **Form Factor:** It is a "brick" or "square" style radial lead fuse. The "R" at the end of the part number typically denotes **Radial leads**, making it suitable for direct soldering onto Printed Circuit Boards (PCBs).
* **Ceramic Body:** Unlike glass fuses, the ceramic body provides higher breaking capacity, meaning it can safely interrupt higher fault currents without the body shattering.
* **Lead Spacing:** Usually features a standard 5.08mm lead spacing for easy integration into standard PCB layouts.
---
### 3. Functional Characteristics
* **Slow Blow (Time-Lag):** This fuse is designed to withstand temporary "inrush" currents (spikes that occur when a device is first turned on) without blowing. It will only open the circuit if the overcurrent persists for a specific duration.
* **Breaking Capacity:** It is rated for high interrupting ratings (often up to 100A or 150A at 250V AC), which is crucial for safety in power supply applications.
---
### 4. Common Applications
Due to its 250V rating and slow-blow nature, the 5ET3.15-R is frequently found in:
* **Power Supplies:** Primary side protection for AC/DC adapters.
* **Consumer Electronics:** Televisions, monitors, and chargers.
* **Industrial Equipment:** Controllers and small motorized appliances.
* **LED Drivers:** Protecting against surges in lighting circuitry.
---
### 5. Part Number Breakdown (Bel Fuse Standard)
```text
5ET 3.15 - R
| | |
| | +-- Lead Style: Radial
| +---------- Amperage: 3.15 Amps
+--------------- Series Name: Time-lag, high breaking capacity
```
- ⤷
What is the difference between a ceramic fuse and a glass fuse in terms of safety?
- ⤷ How does the 'Time-Lag' characteristic differ from a 'Fast-Acting' fuse?
- ⤷ What are the soldering temperature requirements for mounting radial fuses like the 5ET3.15-R?