5BC-R/Y
AI

The **5BC-R/Y** is a specific type of **Bicolor Light Emitting Diode (LED)**. The part number typically describes its physical size, electrical characteristics, and the colors it emits.
---
## 1. Technical Specifications
The "5BC" designation usually refers to a **5mm (T-1 3/4) Round Bicolor LED**. This is the standard size for through-hole electronic components.
| Feature | Specification |
| :--- | :--- |
| **Diameter** | 5mm (T-1 3/4) |
| **Colors** | Red (R) / Yellow (Y) |
| **Type** | Bicolor (Typically 3-lead Common Cathode or 2-lead Bi-polar) |
| **Red Wavelength** | ~625 nm - 660 nm |
| **Yellow Wavelength** | ~585 nm - 595 nm |
| **Forward Voltage (Vf)** | Red: 1.8V - 2.2V / Yellow: 2.0V - 2.4V |
| **Operating Current** | 20mA (Standard) |
---
## 2. Terminal Configurations
Depending on the specific manufacturer, the 5BC-R/Y generally comes in two pin configurations:
### A. 3-Lead (Common Cathode/Anode)
The most common version has three legs.
* **Center Pin:** Usually the Common Cathode (Ground).
* **Side Pin 1:** Anode for Red.
* **Side Pin 2:** Anode for Yellow.
* *Mixing:* If both side pins receive power, the LED will glow **Orange**.
### B. 2-Lead (Bi-polar)
The colors are wired in anti-parallel.
* **Direction A:** Current flows one way to light Red.
* **Direction B:** Current is reversed to light Yellow.
---
## 3. Circuit Implementation
When connecting this LED to a microcontroller (like an Arduino) or a DC power source, you must use a **Current Limiting Resistor**.
```cpp
// Example: Arduino Logic for 3-pin Bicolor LED
void setup() {
pinMode(9, OUTPUT); // Red Pin
pinMode(10, OUTPUT); // Yellow Pin
}
void loop() {
digitalWrite(9, HIGH); // Red ON
delay(1000);
digitalWrite(9, LOW);
digitalWrite(10, HIGH); // Yellow ON
delay(1000);
}
```
---
## 4. Common Applications
* **Status Indicators:** Red for "Error/Stop" and Yellow for "Standby/Warning."
* **Battery Chargers:** Red for "Charging" and Yellow for "Fully Charged."
* **Network Equipment:** Indicating different speeds or data activity types.
- ⤷
How do I calculate the correct resistor value for a 5BC-R/Y LED?
- ⤷ What is the difference between Common Cathode and Common Anode bicolor LEDs?
- ⤷ Can I produce an orange color using a 2-lead bipolar 5BC-R/Y?