công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 581A636L-R5000

  • AI
    ## Overview of Part Number 581A636L-R5000 The part number **581A636L-R5000** typically identifies a high-precision, thick film chip resistor, often produced by manufacturers like **KOA Speer** or similar industrial electronic component suppliers. The alphanumeric string encodes specific electrical characteristics and physical dimensions. --- ### Technical Specifications | Characteristic | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Chip Resistor | | **Material** | Thick Film (Metal Glaze) | | **Resistance Value** | 5000 Ohms ($5k\Omega$) | | **Tolerance** | $\pm 0.5\%$ or $\pm 1\%$ (Series dependent) | | **Termination Style** | Surface Mount (SMD/SMT) | | **Packaging** | Tape and Reel (indicated by -R) | --- ### Part Number Breakdown The sequence follows a standard industry nomenclature for passive components: 1. **581A / 636L**: These prefixes usually refer to the internal manufacturer series or a specific customer-defined specification (common in aerospace or automotive sectors). 2. **R5000**: * **R**: Represents the decimal point or denotes "Resistance." * **5000**: The numerical value. In many coding systems, this signifies 5000 ohms. If using a 4-digit code (e.g., 5001), it would mean 500 followed by 1 zero. ### Physical Characteristics * **Substrate**: High-grade alumina ceramic. * **Protection**: A glass-based protective overcoat is applied to ensure environmental stability. * **Terminations**: Usually features a "Three-Layer Structure" consisting of a Silver-based inner electrode, a Nickel barrier, and a Solder (Tin) outer coating to prevent leaching during assembly. --- ### Applications These components are widely used in circuits requiring high reliability and compact form factors: * **Power Supplies**: Voltage regulation and sensing. * **Automotive Electronics**: Engine control units and infotainment systems. * **Industrial Equipment**: Control boards and automation sensors. * **Consumer Electronics**: High-density PCB layouts for mobile devices.
    ✨ Follow-up Questions
    • ⤷ What is the standard case size (e.g.
    • ⤷ 0603 or 0805) for this specific resistor series?
    • ⤷ Does this part number meet AEC-Q200 automotive reliability standards?
    • ⤷ What is the power rating in Watts for the 581A636L series?