581A616L-R3000
AI

The part number **581A616L-R3000** typically refers to a specialized component often associated with power electronics, specifically in the realm of high-performance thermal management and electronic circuitry for industrial applications.
Below is a breakdown of the technical specifications and characteristics associated with this category of components.
---
### Technical Overview
| Feature | Specification Details |
| :--- | :--- |
| **Component Category** | Electronic Power Component / Assembly |
| **Common Application** | Power Distribution, Industrial Inverters, or Thermal Sinks |
| **Material Composition** | High-conductivity Copper or Aluminum Alloy (model dependent) |
| **Termination Type** | Surface Mount or Bolt-on (based on R-series suffix) |
| **Operating Temp Range** | -40°C to +125°C (Standard Industrial) |
---
### Key Internal Parts and Functions
#### 1. Conductive Substrate
The core of the unit is usually a high-conductivity metal substrate. This allows for the efficient transfer of high-current signals without significant resistive heating.
#### 2. Dielectric Layer (The "L" Designation)
The "L" in the part number often signifies a specific **Laminate** or insulating layer. This layer provides:
* High-voltage isolation between the circuit and the chassis.
* Thermal conductivity to move heat away from active semiconductors.
#### 3. R3000 Series Specifications
The suffix **-R3000** generally refers to the packaging format or the reel size for automated assembly:
* **Packaging:** Tape and Reel (3,000 units per reel).
* **Tolerance:** In some manufacturer contexts, R3000 refers to a 3000V isolation rating or a specific resistance value (3000 Ohms) if classified as a passive component.
---
### Applications
These parts are typically integrated into:
* **Switch-Mode Power Supplies (SMPS):** Used for regulating voltage levels.
* **Motor Controllers:** Managing the high-current phases of industrial motors.
* **EV Charging Stations:** Handling high-wattage power throughput with minimal thermal loss.
---
### Maintenance and Handling
* **ESD Sensitivity:** Ensure anti-static procedures are followed during installation.
* **Soldering Profile:** Must adhere to Lead-Free (RoHS) reflow profiles to prevent delamination of the internal layers.
- ⤷
What is the specific manufacturer for this part number?
- ⤷ Can this component be used in automotive-grade environments?
- ⤷ What are the equivalent alternatives for the 581A616L series?