công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 581A616I-R3000

  • AI
    Based on the part number **581A616I-R3000**, this typically refers to a high-voltage, high-power **Thyristor (SCR)** or a power electronics module often used in industrial control systems, specifically within ABB motor drives (such as the ACS series) or excitation systems. --- ### Technical Specifications (General Overview) While specific internal datasheets are often proprietary to the manufacturer, parts in this series generally follow these parameters: | Component Feature | Description | | :--- | :--- | | **Component Type** | Silicon Controlled Rectifier (SCR) / Thyristor | | **Form Factor** | Press-pack (Hockey Puck) or Integrated Module | | **Voltage Rating** | Typically ranges up to 3000V (indicated by R3000) | | **Application** | High-power rectification, AC/DC conversion | | **Cooling Requirement** | Heatsink with specific clamping force | --- ### Key Electronic Functions 1. **Phase Control:** The device acts as a gate-controlled switch. By applying a pulse to the gate terminal, the part can trigger conduction at specific points in the AC cycle, allowing for precise control of power output. 2. **High Surge Current Capability:** Designed to handle massive current inrushes, making it ideal for starting large industrial motors or managing power grid fluctuations. 3. **Thermal Management:** The "I" or "R" designations often refer to the thermal resistance or the specific revision of the ceramic housing, ensuring that heat is dissipated efficiently to the external cooling assembly. --- ### Common Use Cases * **Variable Speed Drives (VSD):** Used in the rectifier bridge to convert AC utility power into DC power. * **Soft Starters:** Used to ramp up voltage gradually to prevent mechanical shock in motors. * **Static Var Compensators (SVC):** Used in utility-scale power quality management. * **Excitation Systems:** Managing the field current in large synchronous generators. --- ### Maintenance and Handling * **Clamping Force:** For "Hockey Puck" styles, improper mounting pressure can lead to internal arcing or overheating. * **Testing:** Can be tested using a multimeter (diode check) between the Anode and Cathode, though high-voltage leakage tests require specialized equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the R3000 series?
    • ⤷ How do I test a thyristor of this type using a multimeter?
    • ⤷ Which ABB drive models are compatible with this part?