AI

The part number **581A616I-R100** typically refers to a specialized electronic component, often associated with industrial automation, power distribution, or specific military/aerospace assemblies (commonly linked to brands like GE or specialized defense contractors).
Below is a technical breakdown of the characteristics associated with this class of component.
---
### 1. General Specification Overview
While specific datasheets for "I-R100" series parts are often proprietary, the nomenclature generally breaks down as follows:
| Feature | Description |
| :--- | :--- |
| **Part Series** | 581A (Commonly used for specialized power or control modules) |
| **Revision/Variant** | 616I (Internal design identifier) |
| **Suffix** | R100 (Indicates a specific resistance value, revision level, or 100-unit reel/packaging) |
| **Category** | Passive Component or Module Assembly |
---
### 2. Technical Attributes
Components in this family usually exhibit the following electronic traits:
* **Resistance/Impedance:** If the "R100" signifies 100 Ohms, it is likely a high-precision resistor or a filter component.
* **Tolerance:** Typically ±1% or ±5% depending on the industrial grade.
* **Mounting Type:** Surface Mount (SMD) or specialized Bolt-on, depending on the physical size of the "581A" frame.
* **Application:** Often used in **feedback loops**, **current sensing**, or **voltage regulation** circuits within larger power systems.
---
### 3. Possible Component Type
Depending on the specific manufacturer (e.g., General Electric or a specialized PCBA manufacturer), this part usually falls into one of these two categories:
#### A. Power Resistor / Shunt
Used to measure current by dropping a small, known voltage across the "R100" (100 mΩ or 100Ω) element.
* **Heat Dissipation:** Designed for high-thermal stability.
* **Construction:** Metal film or wire-wound.
#### B. Control Board Sub-assembly
In some industrial contexts, this number refers to a specific **Interface Card** or **Trigger Module**.
* **Inputs/Outputs:** Signal conditioning for sensors.
* **Compatibility:** Used in legacy motor drives or power grid controllers.
---
### 4. Typical Integration Example
If used in a circuit, the integration might look like this in a simplified schematic context:
```yaml
Circuit_Role: Current_Limiter
Input_Voltage: 24V DC
Component_ID: 581A616I-R100
Function: Provides 100 Ohm impedance to stabilize signal noise.
```
---
- ⤷Who is the primary manufacturer of the 581A616I-R100?
- ⤷ Is this part classified as a passive resistor or an active integrated circuit?
- ⤷ What are the typical environmental operating temperatures for this series?