AI

Based on the part number **581A331L-R1500**, this component is typically identified as an **SMD (Surface Mount Device) Power Inductor**. These are critical components in power management circuits, used for filtering, energy storage, and noise suppression.
Below is a detailed breakdown of the technical specifications and characteristics associated with this series of electronic parts.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Inductance Value** | 0.15 µH (indicated by "R1500") |
| **Mounting Type** | SMD / SMT (Surface Mount) |
| **Construction** | Shielded (usually Composite or Metal Alloy) |
| **Core Material** | High-saturation Iron Powder or Carbonyl Iron |
### 2. Key Technical Characteristics
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, which is crucial for high-efficiency power converters.
* **High Saturation Current:** The "R15" prefix often suggests a high current handling capability (Isat), allowing the part to maintain inductance even under high load.
* **AEC-Q200 Compliance:** Parts in this series are frequently used in automotive applications, meaning they are tested for high reliability, vibration resistance, and wide temperature ranges.
* **Magnetic Shielding:** The structural design minimizes Electromagnetic Interference (EMI), preventing the magnetic field from affecting neighboring components on the PCB.
### 3. Application Use Cases
Inductors like the **581A331L-R1500** are commonly found in the following circuits:
1. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies to store energy.
2. **Voltage Regulator Modules (VRM):** Common in high-performance computing and server motherboards.
3. **Automotive Electronics:** Powering Infotainment systems, ADAS, and LED lighting modules.
4. **Power Supplies:** Providing output filtering to smooth ripples in high-frequency switching power supplies.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the breakdown generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **581A** | Series/Case Size (Physical dimensions of the component) |
| **331L** | Material code or tolerance specification |
| **R1500** | Inductance value: **R15** = 0.15 µH (The extra zeros often denote precision) |
---
- ⤷
What are the physical dimensions of the 581A series package?
- ⤷ What is the typical saturation current rating for a 0.15µH inductor in this series?
- ⤷ Are there specific manufacturers that use this exact part numbering scheme?