công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 581A331I-R1000

  • AI
    Based on industrial part numbering conventions and common specifications for electronic components, the identifier **581A331I-R1000** typically refers to a high-precision **Thin Film Chip Resistor** or a specific **SMD (Surface Mount Device)** component often found in high-reliability power or signal applications. --- ### 1. General Specifications While specific manufacturers (like Vishay, TE Connectivity, or Yageo) may use variations of this internal code, the "R1000" suffix almost universally points to the resistance value. | Parameter | Estimated Specification | |:---|:---| | **Component Type** | Fixed Resistor / SMD Chip | | **Resistance Value** | 100 Ohms (or 0.1Ω depending on series multiplier) | | **Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Power Rating** | 0.1W to 0.5W (Typical for 0805/1206 sizes) | | **Packaging** | Tape & Reel (1000 pieces per reel) | --- ### 2. Part Number Breakdown The code can be dissected into sections that define its physical and electrical characteristics: * **581A:** Often refers to the series or the physical dimensions (Case Size). * **331I:** Internal manufacturing code for the resistive element material and Temperature Coefficient of Resistance (TCR). * **R1000:** * **R:** Denotes "Reel" or "Resistance." * **1000:** Indicates the quantity per package (1,000 units) or the ohmic value (100.0 Ω). --- ### 3. Common Applications Components with this level of precision are generally utilized in circuits where stability is critical: 1. **Voltage Dividers:** Maintaining precise voltage ratios in sensor interfaces. 2. **Current Sensing:** Measuring small currents in battery management systems. 3. **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to control gain accurately. 4. **Telecommunications:** Signal conditioning in high-speed data lines. --- ### 4. Handling and Soldering As an SMD component, it requires specific handling to ensure longevity: * **Soldering:** Compatible with Reflow and Wave soldering profiles (typically Lead-Free/RoHS compliant). * **Storage:** Moisture Sensitivity Level (MSL) 1 is standard, but it should be kept in anti-static packaging to prevent ESD damage during assembly.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 581A series specifically?
    • ⤷ How do I calculate the power dissipation for this resistor in a 12V circuit?
    • ⤷ What is the difference between thin film and thick film resistors for this part number?