công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 5813616I-R5000

  • AI
    Based on the part number provided, this typically refers to a **Power Module** or **IGBT Module** often utilized in industrial power conversion systems, specifically those associated with ABB R5000 series drives or similar high-power industrial equipment. ### 1. General Specifications The "5813616" identifier is part of a series of semiconductor modules designed for high-current and high-voltage applications. | Feature | Description | | :--- | :--- | | **Component Type** | IGBT (Insulated Gate Bipolar Transistor) Module | | **Application** | Motor drives, Inverters, UPS systems | | **Voltage Rating** | Generally rated for 600V to 1200V applications | | **Cooling** | Requires an external heatsink (Thermal interface material necessary) | --- ### 2. Key Internal Electronic Components An IGBT module like the R5000 series is not a single transistor but a complex assembly: #### A. IGBT Chips The core switching elements. They combine the high input impedance of a MOSFET with the low saturation voltage of a bipolar transistor. This allows for efficient switching of high currents. #### B. Free-Wheeling Diodes (FWD) Connected in anti-parallel with the IGBTs. These protect the transistors from "back EMF" or inductive spikes when the load (like an electric motor) is switched off. #### C. Thermistor (NTC) Most R5000 series modules include an internal Negative Temperature Coefficient thermistor. This allows the control system to monitor the module's internal temperature and shut down if it exceeds safety limits. --- ### 3. Physical & Technical Architecture 1. **DBC (Direct Copper Bonding):** The internal chips are mounted on a ceramic substrate that provides high electrical insulation while being thermally conductive. 2. **Screw Terminals:** Designed for high-torque connections to handle hundreds of amperes. 3. **Signal Pins:** Smaller pins used for Gate (G) and Emitter (E) sensing to control the switching state via a Gate Driver board. --- ### 4. Common Applications * **Variable Frequency Drives (VFDs):** Controlling the speed of AC motors. * **Renewable Energy:** Inverters for solar arrays or wind turbines. * **Traction Control:** Used in heavy machinery or electric rail systems. --- ### 5. Maintenance and Troubleshooting | Symptom | Potential Electronic Cause | | :--- | :--- | | **Short Circuit at Input** | Punctured IGBT layer (Overvoltage or Overcurrent) | | **Overheating Fault** | Failed NTC Thermistor or dried thermal paste | | **Gate Drive Error** | Internal gate-to-emitter short | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 5813616I-R5000 module?
    • ⤷ How do you test this IGBT module using a multimeter?
    • ⤷ Which gate driver boards are compatible with the R5000 series?