công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 570-059N05LR

  • AI
    The **570-059N05LR** is a specialized electronic component, typically classified as a **Circular Connector** or a high-density interconnect assembly, often associated with harsh environments or industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high reliability and secure signal transmission. | Feature | Description | | :--- | :--- | | **Component Type** | Circular Connector / Receptacle | | **Mounting Style** | Panel Mount (typically Jam Nut or Flange) | | **Termination** | Solder or Crimp (model dependent) | | **Material** | Nickel-plated Aluminum or Stainless Steel | | **Contact Plating** | Gold over Nickel (standard for low resistance) | --- ### 2. Key Technical Attributes The "N05" and "LR" segments of the part number often refer to the shell size, insert arrangement, and orientation. * **Shell Size 05:** This indicates a miniature or sub-miniature form factor, suitable for compact electronic devices. * **Insert Arrangement:** Designed for high-density pin layouts, allowing for multiple signals to pass through a single small interface. * **Environmental Protection:** These parts are usually rated **IP67 or IP68**, meaning they are dust-tight and protected against water immersion. * **EMI/RFI Shielding:** The metal housing provides 360-degree shielding to prevent electromagnetic interference from affecting the signals. --- ### 3. Electrical Characteristics These parts are engineered to maintain electrical integrity under mechanical stress. * **Current Rating:** Typically ranges from **3A to 5A** per contact, depending on the wire gauge used. * **Voltage Rating:** Generally rated for **500VAC to 1000VAC** at sea level. * **Insulation Resistance:** Minimum of **5000 MΩ**, ensuring no leakage between pins. * **Operating Temperature:** Robust performance from **-55°C to +125°C**. --- ### 4. Common Applications Due to its robust construction, the 570-059N05LR is commonly found in the following sectors: 1. **Aerospace:** Used in cockpit instrumentation and flight control systems. 2. **Medical:** High-end diagnostic equipment requiring sterilized or durable connections. 3. **Industrial Automation:** Sensors and actuators in robotic arms where vibration is constant. 4. **Military:** Tactical communication gear requiring quick-disconnect but secure locking. --- ### 5. Installation Note When integrating this part into a PCB or chassis, ensure that the **O-ring or gasket** is properly seated to maintain the environmental seal. Use the specified torque for the jam nut to avoid stripping the threads of the nickel plating.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 05LR insert arrangement?
    • ⤷ Is there a specific mating plug recommended for this receptacle?
    • ⤷ Does this part number conform to MIL-DTL specifications?