57-5R3-R
AI

The part number **57-5R3-R** typically refers to a **Power Inductor**, specifically from the **5700 Series** manufactured by companies like **Murata Power Solutions** (formerly C&D Technologies) or similar electronic component providers.
---
## Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Radial Lead Inductor |
| **Inductance** | 5.3 µH (Microhenries) |
| **Tolerance** | ±15% to ±20% (Typical) |
| **Current Rating** | High Current (Approx. 8A - 10A DC) |
| **DC Resistance (DCR)** | Very Low (Approx. 0.007 Ω) |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
## Key Features
### 1. Construction
These inductors are usually built with a **ferrite core** and heavy-gauge copper wire. The radial lead design allows them to be mounted vertically on a PCB, saving horizontal board space.
### 2. High Current Capability
The "5R3" designation indicates a low inductance value (5.3 µH), which is optimized for high-frequency switching and high-current power paths without saturating the core easily.
### 3. Applications
* **Switching Power Supplies:** Used for energy storage and filtering in DC-DC converters.
* **EMI/RFI Filtering:** Acts as a low-pass filter to block high-frequency noise in power lines.
* **Voltage Regulators:** Provides stability in point-of-load (POL) power modules.
### 4. Environmental Standards
The **-R** suffix is a standard industry notation for **RoHS Compliance**, meaning the part is manufactured without lead, mercury, cadmium, or other hazardous substances.
---
## Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **57** | Series Identifier (Murata 5700 series) |
| **5R3** | Inductance Value (5.3. The 'R' acts as a decimal point) |
| **-R** | RoHS Compliant / Lead-Free |
- ⤷
What are the physical dimensions of the 57-5R3-R inductor?
- ⤷ What is the maximum saturation current for this specific part?
- ⤷ Can this inductor be used in high-temperature automotive applications?