AI

The **54ACT715-R** is a high-performance integrated circuit (IC) primarily designed as a **Programmable Video Sync Generator**. It belongs to the FACT™ (Fairchild Advanced CMOS Technology) family and is specifically engineered for military and aerospace applications due to its "54" series designation.
---
### ## 1. Key Specifications and Features
The 54ACT715-R is designed to generate all the necessary signals required to drive a standard or non-standard video monitor.
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | ACT (Advanced CMOS with TTL-compatible inputs) |
| **Operating Voltage** | 4.5V to 5.5V |
| **Operating Temperature** | -55°C to +125°C (Military Grade) |
| **Function** | Video Sync Generation (Horizontal & Vertical) |
| **Max Frequency** | Up to 130 MHz (Pixel Clock) |
| **Package Types** | Ceramic DIP, Flatpack, or LCC (Leadless Chip Carrier) |
---
### ## 2. Core Functional Blocks
The internal architecture of the 54ACT715-R consists of several programmable counters and registers:
1. **Horizontal Counter:** Manages the timing for Horizontal Sync (HSYNC), Blanking, and Active Video lines.
2. **Vertical Counter:** Manages the Frame Rate and Vertical Sync (VSYNC) pulses.
3. **Programming Interface:** It uses a parallel bus to load configuration data into internal latches. This allows it to support various video standards like NTSC, PAL, and high-resolution VGA.
4. **Clock Generation:** It typically interfaces with a high-speed pixel clock to derive all timing intervals precisely.
---
### ## 3. Pin Signal Definitions
While the exact pinout depends on the package (e.g., 20-pin DIP vs. 28-pin LCC), the primary signals include:
* **VCLK (Video Clock):** The master input clock.
* **HSYNC / VSYNC:** Horizontal and Vertical synchronization outputs.
* **COMP SYNC:** Composite sync output combining H and V signals.
* **BLANK:** Output signal to turn off the electron beam (or DAC output) during retrace.
* **D0-D7:** Data bus pins used to program the internal registers.
* **LOAD:** Pin used to latch the programming data into the internal registers.
---
### ## 4. Applications
The "R" suffix and the "54" prefix indicate it is often used in high-reliability environments:
* **Military Avionics:** Display systems in cockpits.
* **Medical Imaging:** High-resolution CRT or LCD synchronization.
* **Legacy Video Conversion:** Converting custom sensor data into standardized video formats.
* **Ruggedized Computing:** Systems requiring wide temperature tolerance and radiation hardness (depending on specific "R" / Rad-Hard ratings).
---
### ## 5. Programming Example (Pseudo-logic)
To configure the chip, one must send specific hex values to the data bus to define the front porch, back porch, and sync pulse widths.
```c
// Example: Concept for initializing a 54ACT715
void init_video_sync() {
setDataBus(0x3F); // Set Horizontal Total
pulseLoad();
setDataBus(0x0A); // Set Horizontal Sync Width
pulseLoad();
// Continue for Vertical parameters...
}
```
- ⤷
What is the difference between the 54ACT715 and the commercial 74ACT715 version?
- ⤷ Does the 'R' suffix indicate radiation hardening or a specific packaging type?
- ⤷ How does this chip interface with modern digital microcontrollers?