AI

### 54ABT373CPCQB: Technical Overview
The **54ABT373CPCQB** is a high-performance, military-grade integrated circuit. It belongs to the **ABT (Advanced BiCMOS Technology)** family and functions as an **Octal Transparent D-Type Latch** with 3-state outputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | ABT (Advanced BiCMOS) |
| **Function** | Octal D-Type Latch (3-State) |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Package Type** | CQFP (Ceramic Quad Flatpack) |
| **Temperature Range** | Military (-55°C to +125°C) |
| **Output Drive ($I_{OH}/I_{OL}$)** | -24mA / 48mA |
| **Propagation Delay** | ~3.5ns to 5ns (Typical) |
---
### 2. Operational Logic
The device contains eight independent D-type latches. It operates based on two primary control pins:
1. **Latch Enable (LE):**
* When **LE is High**, the latch is "transparent." The Q outputs follow the data (D) inputs.
* When **LE is Low**, the data that meets the setup time requirements is latched and held at the outputs.
2. **Output Enable ($\overline{OE}$):**
* When **$\overline{OE}$ is Low**, the eight outputs are active and show the latched data.
* When **$\overline{OE}$ is High**, the outputs are placed in a **High-Impedance (High-Z)** state, effectively disconnecting them from the bus.
---
### 3. Part Number Breakdown (Nomenclature)
The part number provides specific information about its construction and application:
| Segment | Meaning |
| :--- | :--- |
| **54** | Military Grade (Standard temperature/reliability prefix) |
| **ABT** | Advanced BiCMOS Technology (Combines CMOS low power with TTL speed) |
| **373** | Function code for Octal D-Type Transparent Latch |
| **C** | Ceramic Material |
| **PQ** | Package Style: Quad Flatpack (CQFP) |
| **B** | Military-level screening/processing (e.g., MIL-STD-883) |
---
### 4. Distinctive Features
* **BiCMOS Technology:** Uses CMOS for low power consumption at idle and Bipolar transistors for high-speed switching and heavy drive capability.
* **Bus Hold:** Many ABT devices include circuitry to hold the last valid logic state, preventing floating bus lines.
* **Radiation/Reliability:** Because it is a "54" series ceramic part, it is designed for aerospace, defense, and harsh environment applications where plastic packages would fail.
- ⤷
What are the pinout differences between the 54ABT373 and the 74ABT373?
- ⤷ In what specific military applications is the CQFP package preferred over DIP?
- ⤷ How does BiCMOS power consumption compare to pure CMOS at high frequencies?