công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 51U-4J2-R2

  • AI
    The part number **51U-4J2-R2** typically refers to a specialized **Precision Wirewound Resistor** or a specific **Current Sense Resistor** series (often associated with brands like Ohmite, Riedon, or similar industrial electronic component manufacturers). Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications These components are designed for high stability and low resistance values, often used in power management circuits. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Resistor / Current Shunt | | **Technology** | Wirewound or Metal Element | | **Resistance Value** | Variable based on suffix (often 4.2 $\Omega$ or 0.042 $\Omega$ depending on series) | | **Tolerance** | $\pm$1% to $\pm$5% (Standard Precision) | | **Mounting Type** | Through-hole or Surface Mount (Series dependent) | | **Operating Temperature** | -55°C to +155°C or higher | --- ### 2. Internal Electronic Construction The "4J2" designation in the part number usually points to the electrical value and tolerance: * **Core:** A ceramic or alumina substrate that acts as a heat sink. * **Resistive Element:** A high-grade alloy wire (like Manganin or Evanohm) wound around the core to achieve specific resistance with low thermal noise. * **Coating:** A silicone or vitreous enamel coating that protects the wire from moisture and oxidation. * **Leads:** Tin-plated copper leads for high conductivity and ease of soldering. --- ### 3. Application Use-Cases Because of its "R2" (Revision 2 or specific packaging) and precision nature, this part is found in the following electronic environments: 1. **Current Sensing:** Measuring the voltage drop across the resistor to determine the current flowing through a circuit. 2. **Voltage Division:** Used in precision voltage dividers where temperature stability is critical. 3. **Industrial Power Supplies:** Acts as a feedback component in high-reliability power units. 4. **Motor Control:** Limits inrush current or provides feedback for torque control. --- ### 4. Key Performance Metrics * **Temperature Coefficient of Resistance (TCR):** Usually very low (e.g., ±20 ppm/°C), meaning the resistance value does not change significantly as the part heats up. * **Inductance:** Being "wirewound," standard versions have some inductance, but many "U" series parts utilize **Ayrton-Perry winding** to cancel out inductive effects for high-frequency use. * **Pulse Handling:** Excellent ability to handle short-term surges compared to thin-film or thick-film resistors.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and wattage rating for this specific part?
    • ⤷ Can this part be substituted with a Thick Film resistor in current sensing applications?
    • ⤷ How does the 'R2' suffix impact the mechanical dimensions of the component?