công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 50T-059

  • AI
    The part number **50T-059** typically refers to a specific type of **high-voltage, high-current ignition transformer** or an **industrial solenoid**, most commonly used in combustion systems, oil burners, or specific automotive diagnostic equipment. Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The 50T-059 is generally categorized as a **step-up transformer**. It takes a standard low-voltage input and converts it into a high-voltage output capable of generating an electric arc (spark). ### Technical Specifications (Typical) | Feature | Description | | :--- | :--- | | **Input Voltage** | 120V AC / 230V AC (Depending on regional model) | | **Output Voltage** | 6,000V to 10,000V (Secondary side) | | **Secondary Current** | ~20mA to 30mA | | **Frequency** | 50/60 Hz | | **Duty Cycle** | Intermittent or Continuous (Model specific) | --- ## 2. Key Electronic Parts & Construction The internal architecture of a 50T-059 series transformer consists of several critical electronic elements: * **Primary Winding:** A coil of thicker copper wire designed to handle the input current from the power source. * **Secondary Winding:** Thousands of turns of very fine wire. This high winding ratio is what creates the high voltage necessary for ignition. * **Laminated Iron Core:** A "soft" iron core that directs the magnetic flux between the primary and secondary coils, minimizing energy loss through eddy currents. * **Encapsulation/Potting:** The internal components are often encased in an epoxy resin or high-grade insulating oil. This prevents internal arcing and protects the components from moisture and vibration. * **Terminals:** * *Input:* Usually screw terminals or lead wires. * *Output:* High-voltage "spring" or "plug" connectors designed to prevent leakage to the chassis. --- ## 3. Common Applications These parts are essential in environments where a consistent, high-energy spark is required: 1. **Industrial Burners:** Igniting fuel-air mixtures in boilers and furnaces. 2. **Oil Heating Systems:** Providing the initial spark for residential or commercial heaters. 3. **Static Elimination:** In some configurations, high-voltage transformers are used in industrial "ionizing bars" to neutralize static electricity on assembly lines. --- ## 4. Safety and Troubleshooting Because the 50T-059 generates upwards of **10kV**, certain precautions must be taken: * **Insulation Resistance:** If the outer casing is cracked, the high voltage can "leak" to the ground, causing a short circuit. * **Continuity Testing:** Using a multimeter, one should check the resistance of the primary (low ohms) and secondary (high ohms) coils to ensure the internal wires haven't burned out. * **Grounding:** Proper grounding is critical to prevent the metal casing from becoming "hot" with high voltage.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing 50T-059 transformer?
    • ⤷ Can this transformer be used for DIY high-voltage projects safely?
    • ⤷ What is the difference between an electronic igniter and this traditional transformer?