công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 507-059

  • AI
    The part number **507-059** typically refers to a specific electronic component produced by **Pancon Connectors** (often under the brand name **HI-CON**). This part is a high-density, DIN 41612 type connector. ### Technical Specifications The following table summarizes the primary electrical and physical characteristics of the 507-059 connector series: | Feature | Specification | | :--- | :--- | | **Component Type** | DIN 41612 Receptacle (Female) | | **Number of Positions** | 96 Positions | | **Row Configuration** | 3 Rows (Rows a, b, and c) | | **Pitch** | 2.54mm (0.100 inch) | | **Mounting Type** | Through-hole, Right Angle | | **Contact Plating** | Gold (typically Class II or III performance) | | **Current Rating** | ~2A per contact | | **Voltage Rating** | 250V AC | --- ### Component Breakdown #### 1. Mechanical Design The **507-059** is a Type C connector. It features three rows of 32 pins each. The "Right Angle" designation means the connector sits at a 90-degree angle to the Printed Circuit Board (PCB), which is ideal for "daughterboard" applications where a card plugs into a backplane. #### 2. Materials and Durability * **Housing:** Usually made of glass-filled polyester (PBT), which is flame retardant (UL94V-0). * **Contacts:** Copper alloy with gold plating over nickel. The gold plating ensures low contact resistance and prevents oxidation over long periods. #### 3. Typical Applications These connectors are legacy industry standards and are commonly found in: * **VMEbus systems:** Used in industrial automation and military computing. * **Telecommunications:** Used for rack-mounted switching equipment. * **Test and Measurement:** High-reliability modular instrumentation. --- ### Part Number Identification While "507-059" is the base series, specific suffixes may indicate variations in tail length or plating thickness. ```text Manufacturer: Pancon / HI-CON Series: 507 Specific Model: 059 (Female, 96-pin, Right Angle) ```
    ✨ Follow-up Questions
    • ⤷ What are the alternative connectors for the 507-059 series?
    • ⤷ How does gold plating class affect the lifespan of this connector?
    • ⤷ What is the difference between Type C and Type R DIN 41612 connectors?