công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4N65G-TQ2-R

  • AI
    ## Technical Overview: 4N65G-TQ2-R The **4N65G-TQ2-R** is a high-voltage N-Channel Power MOSFET designed for applications requiring high speed and efficiency. It is commonly used in switching power supplies and motor controllers. ### 1. Key Technical Specifications The part number follows a standard naming convention: **4** (Amps), **65** (650 Volts). | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage the device can handle. | | **Continuous Drain Current ($I_D$)** | 4.0A | Maximum current at $T_C = 25^\circ C$. | | **Pulsed Drain Current ($I_{DM}$)** | 16A | Maximum instantaneous current surge. | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | ~2.5 $\Omega$ | Resistance when the gate is fully "on". | | **Gate-Source Voltage ($V_{GS}$)** | $\pm$30V | Maximum voltage range for the gate pin. | | **Package Type** | TO-263 (D2PAK) | Surface mount package. | --- ### 2. Physical Characteristics & Packaging The suffix **TQ2-R** specifically refers to the package and delivery method: * **TQ2**: Refers to the **TO-263** (also known as D2PAK) package, which is a surface-mount version of the through-hole TO-220. * **-R**: Indicates **Tape & Reel** packaging, used for automated pick-and-place assembly. * **G**: Often indicates "Halogen-Free" or "Green" compliance. --- ### 3. Application Use Cases This MOSFET is typically integrated into circuits where high-voltage switching is required: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element to convert AC to DC. 2. **LED Drivers:** Controlling high-voltage LED strings. 3. **DC-DC Converters:** Stepping down high voltage to lower levels in industrial equipment. 4. **Electronic Ballasts:** Used in lighting control systems. --- ### 4. Circuit Symbol and Pinout The device follows the standard N-Channel MOSFET pinout for the TO-263 package: ```text Pin 1: Gate (G) - Controls the turning ON/OFF of the MOSFET. Pin 2: Drain (D) - Connected to the load (internally connected to the tab). Pin 3: Source (S) - Connected to the ground or negative rail. ``` --- ### 5. Benefits and Limitations * **Pros:** High breakdown voltage (650V) provides a safety margin for 220V/240V AC inputs; low gate charge allows for fast switching. * **Cons:** The $R_{DS(on)}$ of 2.5 $\Omega$ is relatively high compared to modern "Superjunction" MOSFETs, meaning it may generate significant heat if used near its maximum current limit. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 4N65 and the 4N60 MOSFET versions?
    • ⤷ What are the heat dissipation requirements for the TO-263 package at 4A?
    • ⤷ Can this MOSFET be driven directly by a 5V microcontroller pin?