công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4B04B-524-RCLF

  • AI
    The **4B04B-524-RCLF** is a specialized passive electronic component manufactured by **Bourns**. It belongs to the family of **Resistor Networks**, specifically designed in a DIL (Dual In-Line) package for high-density circuit board layouts. ### 1. General Specifications The part number can be broken down to understand its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Bourns | | **Series** | Model 4B04B (Medium Profile) | | **Number of Pins** | 4 Pins | | **Resistance Value** | 520k Ohms (indicated by "524") | | **Resistance Tolerance** | ±2% | | **Circuit Type** | Isolated (indicated by the second "B") | | **Package Style** | Molded DIP (Dual In-Line Package) | | **RoHS Status** | Lead-Free (indicated by "LF") | --- ### 2. Deep Dive: Electrical & Physical Characteristics #### Resistance Decoding ("524") The three-digit code follows the standard EIA marking system: * **52**: The first two significant digits (52). * **4**: The multiplier ($10^4$). * **Calculation**: $52 \times 10,000 = 520,000$ Ohms (or **520kΩ**). #### Circuit Configuration (Isolated) The "B" in the 4B04**B** designation indicates an **Isolated** circuit. Unlike "Bussed" networks where all resistors share a common pin, isolated networks contain independent resistor pairs. * In a 4-pin isolated network, there are **2 individual resistors** that are not electrically connected to each other inside the package. #### Physical Dimensions * **Profile**: Medium profile molded DIP. * **Pitch**: Standard 2.54mm (0.100") lead spacing, making it compatible with breadboards and standard PCB through-hole grids. --- ### 3. Common Applications Due to its high precision and compact form factor, the 4B04B-524-RCLF is typically used in: 1. **Line Termination**: Terminating data lines to prevent signal reflections. 2. **Pull-up/Pull-down Resistors**: Providing stable logic levels for digital ICs. 3. **Gain Control**: Used in operational amplifier circuits where two matched resistors are required. 4. **Space-constrained PCBs**: Where using individual discrete resistors would take up too much surface area. --- ### 4. Technical Advantages * **Temperature Coefficient**: Typically ±100 ppm/°C, ensuring stability across varying temperatures. * **Matching**: Because the resistors are manufactured on the same substrate, they track each other’s thermal behavior better than discrete resistors. * **Reliability**: The molded epoxy package provides excellent protection against moisture and mechanical stress.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Bussed' and 'Isolated' resistor networks?
    • ⤷ How do I interpret the power rating for this specific Bourns series?
    • ⤷ Are there surface-mount (SMD) equivalents for the 4B04B series?