công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 4AO2

  • AI
    The term **4AO2** usually refers to a specific electronic component configuration, most commonly a **4-Channel Analog Output Module**. These parts are foundational in industrial automation, control systems, and PLC (Programmable Logic Controller) environments. --- ## 1. What is a 4AO2 Module? The designation "4AO" stands for **4 Analog Outputs**. The "2" typically refers to the specific series, generation, or voltage/current precision level depending on the manufacturer (such as Siemens, ABB, or Beckhoff). ### Key Functions * **Signal Conversion:** It converts digital data from a processor into physical electrical signals (Voltage or Current). * **Control:** It is used to drive "final control elements" like valves, motor speeds (via VFDs), and heaters. --- ## 2. Technical Specifications Most 4AO2 modules share the following electronic characteristics: | Feature | Typical Specification | | :--- | :--- | | **Number of Channels** | 4 Independent Output Channels | | **Signal Types** | 4-20mA (Current) or 0-10V (Voltage) | | **Resolution** | 12-bit to 16-bit | | **Isolation** | Galvanic isolation between backplane and signals | | **Update Time** | 1ms to 10ms (depending on model) | --- ## 3. Core Electronic Components Inside a 4AO2 module, you will find several critical electronic parts: 1. **Digital-to-Analog Converter (DAC):** The "brain" of the module that translates binary code into a precise voltage level. 2. **Operational Amplifiers (Op-Amps):** Used to buffer and scale the DAC output to the required industry standards (e.g., boosting a 3V signal to 10V). 3. **Optocouplers:** These provide electrical isolation to protect the main controller from power surges on the field side. 4. **Precision Resistors:** High-tolerance resistors used for current sensing and signal stability. 5. **Voltage Regulators:** Ensure the internal circuitry receives a clean, steady DC supply. --- ## 4. Wiring Diagram (Conceptual) In a standard electronic setup, the wiring for a channel usually looks like this: ```text [ PLC / Controller ] | [ Digital Bus ] -> [ DAC ] -> [ Op-Amp ] -> [ Terminal Block ] | ( + ) --|--> [ Actuator ] ( - ) --|--> [ Ground ] ``` --- ## 5. Common Use Cases * **VFD Speed Control:** Sending a 0-10V signal to a motor drive to change its RPM. * **Proportional Valves:** Opening a water or gas valve by a specific percentage (e.g., 4mA = Closed, 20mA = 100% Open). * **Actuators:** Positioning mechanical arms or dampers in HVAC systems.
    ✨ Follow-up Questions
    • ⤷ How do you wire a 4-20mA loop to a 4AO2 module?
    • ⤷ What is the difference between 12-bit and 16-bit resolution in analog outputs?
    • ⤷ Which manufacturers use the 4AO2 naming convention for their PLCs?