4A113N-R
AI

The **4A113N-R** is a specific part number typically associated with **current-sense resistors** or high-precision power resistors, often manufactured by companies like *Cyntec* or *Susumu*. These components are essential for monitoring electrical current in high-efficiency power management systems.
---
### Technical Specifications
Below is a breakdown of the typical characteristics for a component in this series:
| Property | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Metal Foil Current Sense Resistor |
| **Package Code** | 1206 (3216 Metric) |
| **Resistance Value** | 1 mΩ to 500 mΩ (Depending on exact sub-code) |
| **Tolerance** | ±1% (F) or ±0.5% (D) |
| **Power Rating** | 1W to 2W |
| **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±100 ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
---
### Key Features
* **Low Inductance:** Designed with a flat metal strip construction to minimize parasitic inductance, which is critical for high-frequency switching.
* **High Power Density:** Despite the small SMD (Surface Mount Device) footprint, the "N-R" series often utilizes advanced heat dissipation materials to handle high currents.
* **Excellent Stability:** The metal foil technology ensures that the resistance remains stable even under thermal stress or long-term load.
---
### Common Applications
1. **DC-DC Converters:** Used in the feedback loop to monitor output current and provide over-current protection.
2. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in smartphones, laptops, and power tools.
3. **Motor Control:** Detecting phase current for precise torque and speed adjustments.
4. **CPU/GPU Power Supplies:** Monitoring high-current rails in computing hardware.
---
### Internal Structure
The part usually consists of a **Manganese-Copper** or **Nickel-Chrome** alloy plate welded to copper terminals. This construction ensures a very low resistance path and high mechanical strength compared to standard thick-film resistors.
- ⤷What is the exact resistance value for the 4A113N-R variant?
- ⤷ Can this resistor be used in automotive AEC-Q200 applications?
- ⤷ What are the recommended soldering profiles for this 1206 package?