49AV2-2W1G-R
AI

The part number **49AV2-2W1G-R** refers to a high-precision **Hall Effect Sensor**, typically manufactured by brands like Honeywell or specialized magnetic sensor producers. This specific component is a linear sensor used to detect magnetic field strength and convert it into an analog voltage.
---
### 1. Technical Specifications
The following table outlines the key parameters typical for this series:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Linear Hall Effect |
| **Supply Voltage (Vcc)** | 4.5V to 10.5V (Standard 5V) |
| **Output Type** | Ratiometric Analog |
| **Magnetic Range** | ±670 Gauss (Typical) |
| **Sensitivity** | ~2.5 mV/G to 3.125 mV/G |
| **Package Type** | TO-92 (3-pin) or SOT-style |
| **Operating Temperature** | -40°C to 125°C |
---
### 2. Pin Configuration
The device typically features three pins, which are essential for its operation in electronic circuits:
1. **VCC (Supply):** Connects to the positive power source (usually 5V DC).
2. **GND (Ground):** Connects to the common ground of the circuit.
3. **VOUT (Output):** Provides an analog voltage proportional to the magnetic field intensity.
---
### 3. Key Features and Behavior
* **Ratiometric Output:** The output voltage is "ratiometric," meaning the quiescent output (voltage when no magnetic field is present) is exactly half of the supply voltage ($Vcc / 2$).
* **Linearity:** It provides a highly linear response to magnetic fields, making it ideal for precision measurements.
* **Low Power Consumption:** Designed for efficiency, drawing minimal current during operation.
* **Ruggedness:** Built to withstand harsh environments, often used in automotive or industrial settings.
---
### 4. Common Applications
Due to its ability to sense magnetic proximity and strength, it is used in:
* **Current Sensing:** Measuring the magnetic field generated by a wire to determine the current flowing through it.
* **Position Sensing:** Detecting the distance of a magnet in throttle controls or pedals.
* **Motor Control:** Feedback for brushless DC motor commutation.
* **Weight/Force Sensing:** Detecting small displacements in scales or pressure sensors.
---
- ⤷What is the difference between a linear and a digital Hall Effect sensor?
- ⤷ How do you calibrate the 49AV2 for current sensing?
- ⤷ Are there specific mounting orientations required for this sensor?