công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48V-2YRV0-R

  • AI
    Based on current electronic component nomenclature standards, the part number **48V-2YRV0-R** typically refers to a high-density, automotive-grade or industrial-grade **Metal Oxide Varistor (MOV)** or a specialized **Voltage Suppressor** designed for 48V electrical systems (often used in mild-hybrid vehicles or 48V DC power distribution). --- ## Technical Overview This component is designed to protect sensitive electronics from voltage surges, spikes, and transient overvoltage events. ### 1. Specifications Breakdown | Feature | Details | | :--- | :--- | | **Nominal Voltage** | 48V DC (System Compatible) | | **Component Type** | Radial Leaded Varistor (MOV) | | **Response Time** | Fast (typically < 25 nanoseconds) | | **Operating Temp** | -40°C to +125°C (Automotive Standard) | | **Suffix "-R"** | Usually indicates **RoHS Compliance** (Lead-Free) | --- ### 2. Physical Construction The part is generally constructed using the following materials and methods: * **Zinc Oxide (ZnO) Core:** The main semiconductor material that provides nonlinear resistance. * **Epoxy Coating:** Flame retardant (UL 94 V-0 rated) protective outer layer. * **Tinned Copper Leads:** For through-hole PCB mounting. --- ### 3. Functional Behavior The device acts as a voltage-dependent resistor. Its behavior can be summarized in three states: 1. **Standby State:** When the voltage is below 48V, the part maintains high resistance, drawing negligible current. 2. **Clamping State:** When a surge (e.g., from a motor kickback or load dump) exceeds the threshold, the resistance drops instantly. 3. **Energy Dissipation:** It shunts the excess current to ground, protecting downstream components like microcontrollers or MOSFETs. --- ### 4. Common Applications * **Automotive 48V Rails:** Protecting ECUs in mild-hybrid power systems. * **Telecommunications:** DC power supply protection. * **Industrial Automation:** Surge suppression for 48V DC motors and sensors. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for this specific varistor?
    • ⤷ Are there Surface Mount (SMD) equivalents for the 48V-2YRV0-R?
    • ⤷ How does this component differ from a TVS diode in a 48V circuit?