48V-2RYV6-R
AI

The **48V-2RYV6-R** is a specific part number typically associated with high-performance **Switching Power Supplies**, often utilized in industrial automation, telecommunications, or server rack environments.
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | AC/DC Switching Power Supply (Enclosed) |
| **Output Voltage** | 48V DC (Stable regulated output) |
| **Cooling Method** | Forced Air (Internal Fan) |
| **Input Type** | Universal AC Input (100V - 240V AC) |
| **Mounting** | Chassis Mount / Rack Mount compatibility |
---
### 2. Key Electronic Characteristics
The "2RYV6" series typically denotes a high-efficiency power stage designed for continuous duty cycles.
* **Regulated Output:** It uses a High-Frequency Switching (SMPS) topology to ensure that even if the input voltage fluctuates, the 48V output remains within a ±1% tolerance.
* **Active PFC (Power Factor Correction):** Most modern units in this series include active PFC to maximize energy efficiency and reduce harmonic distortion on the power line.
* **Protection Circuits:**
* **OCP (Over Current Protection):** Shuts down or limits current if the load exceeds rated capacity.
* **OVP (Over Voltage Protection):** Prevents the output from spiking and damaging connected electronics.
* **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal heat sinks exceed safe limits.
---
### 3. Application Areas
Because 48V is a standard voltage for many industrial and networking protocols, this part is commonly found in:
1. **PoE (Power over Ethernet):** Supplying power to network switches that provide power to IP cameras and VoIP phones.
2. **Telecommunications:** 48V DC is the standard operating voltage for most telecom base stations.
3. **LED Lighting:** Driving high-power LED strips or arrays that require 48V constant voltage.
4. **Motor Control:** Powering brushless DC (BLDC) motors in CNC machines or 3D printers.
---
### 4. Technical Pinout / Connectivity
While specific terminal layouts vary by manufacturer (such as Delta or Mean Well types), the standard wiring configuration is:
| Terminal | Label | Function |
| :--- | :--- | :--- |
| **L** | Line | AC Hot Wire Input |
| **N** | Neutral | AC Neutral Wire Input |
| **FG/GND** | Frame Ground | Safety Earth Connection |
| **-V** | -V / COM | 48V Negative Return |
| **+V** | +V | 48V Positive Output |
| **ADJ** | V-Adj | Potentiometer to fine-tune voltage (e.g., 46V - 52V) |
---
- ⤷
What is the maximum current rating (Amperage) for this specific 48V model?
- ⤷ Does this unit support redundant (N+1) configuration?
- ⤷ What are the physical dimensions and mounting hole patterns for this part?