công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48SV2-YV4WDT-R

  • AI
    The part number **48SV2-YV4WDT-R** refers to a high-performance **Brushless DC (BLDC) Motor Driver/Controller**, typically utilized in industrial automation, robotics, and precision motion control systems. Below is a detailed breakdown of the electronic components and specifications associated with this part. --- ### 1. General Specifications This driver is designed for high-efficiency power management and precise speed/torque regulation. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 24V - 48V DC | | **Control Method** | PWM (Pulse Width Modulation) | | **Feedback Mechanism** | Hall Effect Sensors / Encoder Compatible | | **Protection Grade** | IP-rated for industrial environments | | **Communication** | Modbus / CANbus (depending on specific firmware) | --- ### 2. Core Electronic Components The internal architecture of this driver consists of several key stages: * **Power Stage (MOSFET Bridge):** Utilizes high-frequency switching transistors (MOSFETs or IGBTs) to convert DC power into a three-phase output for the BLDC motor. * **Microcontroller (MCU):** The "brain" that processes speed commands, monitors sensor feedback, and calculates the necessary duty cycles for smooth rotation. * **Current Sensing Circuit:** Shunt resistors and operational amplifiers monitor the current draw to prevent over-torque and protect against short circuits. * **Protection Circuitry:** Includes TVS diodes for surge protection and thermal sensors to trigger automatic shutdown if the unit overheats. --- ### 3. Application Areas The **48SV2** series is commonly found in: 1. **AGVs (Automated Guided Vehicles):** For precise wheel movement and steering. 2. **Conveyor Systems:** Synchronizing multiple motors in a production line. 3. **Medical Equipment:** High-reliability pumps and positioning arms. 4. **Lab Automation:** Centrifuges and precision mixing tools. --- ### 4. Wiring and Connectivity The unit typically features a multi-pin connector interface: | Pin Type | Function | | :--- | :--- | | **Power (VCC/GND)** | Main DC supply input. | | **Phase (U, V, W)** | Connection to the motor windings. | | **Hall Inputs** | 5V supply and signal lines for motor positioning. | | **Control (Analog/Digital)** | 0-5V or 0-10V for speed control, plus Start/Stop/Direction pins. |
    ✨ Follow-up Questions
    • ⤷ What are the specific torque and RPM limits for this driver?
    • ⤷ Can this controller be used with a 12V power supply?
    • ⤷ What software is required for configuring the YV4WDT series parameters?