48SV2-RH3DT-R
AI

The part number **48SV2-RH3DT-R** corresponds to a specialized connector component, typically associated with **Hirose Electric** or similar precision interconnect manufacturers. It is often used in automotive or industrial high-speed data transmission applications.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
This part is a high-speed, shielded connector commonly used for **STP (Shielded Twisted Pair)** or **Coaxial** cables.
| Feature | Description |
| :--- | :--- |
| **Series** | SV2 Series (High-speed interface) |
| **Mounting Type** | Through-hole / Right Angle (RH) |
| **Number of Positions** | Usually 2 or 4 (depending on configuration) |
| **Data Rate** | Optimized for Gbps-level transmission (e.g., LVDS, Ethernet) |
| **Termination** | Solder |
### 2. Key Electronic Features
* **Impedance Control:** Designed to maintain a consistent differential impedance (typically 100Ω) or single-ended impedance (50Ω) to minimize signal reflection and return loss.
* **Shielding (EMI/EMC):** The "-R" and "RH" designations often imply a metal shield housing that provides 360-degree coverage to prevent electromagnetic interference.
* **Automotive Grade:** These parts are frequently used in **ADAS (Advanced Driver Assistance Systems)**, cameras, and infotainment systems due to their vibration resistance and thermal stability.
### 3. Component Breakdown (Naming Convention)
| Segment | Meaning |
| :--- | :--- |
| **48** | Series Identifier / Shell Size |
| **SV2** | Product Series (High-speed signal) |
| **RH** | Right-angle orientation (Horizontal to PCB) |
| **3DT** | Specific Keying/Coding (Prevents incorrect mating) |
| **-R** | Reflow-compliant or Reel packaging |
### 4. Application Areas
1. **Automotive Electronics:** Connecting high-resolution cameras to the Central Processing Unit (ECU).
2. **Industrial Imaging:** High-speed data transfer in machine vision systems.
3. **Telecommunications:** Signal routing in base stations where space and shielding are critical.
---
### Mechanical & Environmental Characteristics
* **Operating Temperature:** Typically -40°C to +105°C.
* **Durability:** Rated for at least 20–50 mating cycles depending on contact plating (Gold/Tin).
* **Locking Mechanism:** Usually features a mechanical "click" lock to ensure secure connection in high-vibration environments.
- ⤷
What is the exact pinout diagram for the 48SV2-RH3DT-R?
- ⤷ Are there equivalent alternative parts from other manufacturers like Rosenberger or Molex?
- ⤷ What are the specific soldering temperature profiles for the -R variant?