48SV2-RH0ST-R
AI

Based on the part number provided, this component belongs to the **48SV Series** of high-density connectors, typically manufactured by companies like **Foxconn** (Hon Hai Precision Industry). These are specialized interface connectors used in networking, server architecture, and high-speed data transmission.
### Technical Specification Overview
The **48SV2-RH0ST-R** is generally categorized as a Small Form-factor Pluggable (SFP) or similar high-speed interface cage/connector assembly.
| Feature | Specification |
| :--- | :--- |
| **Series** | 48SV Series |
| **Type** | SFP/SFP+ Cage or Connector Assembly |
| **Mounting Type** | Through-hole (typically Press-fit or Solder) |
| **Orientation** | Right Angle / Horizontal |
| **Material** | Copper Alloy with Nickel/Gold plating |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### Part Number Breakdown (Generalized)
While exact nomenclature varies by manufacturer, the code generally follows this logic:
1. **48SV**: Represents the specific series design (High-speed I/O).
2. **2**: Often indicates the number of ports or a specific revision of the physical housing.
3. **RH**: Usually refers to **Right-Hand** or **Right-Angle** orientation for PCB mounting.
4. **0ST**: Denotes specific structural features, such as the type of "Spring Finger" for EMI shielding or the "Outer Stud" configuration.
5. **-R**: Strictly stands for **RoHS (Restriction of Hazardous Substances)** compliance.
---
### Key Applications and Features
* **EMI Shielding:** These parts are designed with metal cages to prevent Electromagnetic Interference (EMI) in high-frequency environments.
* **High-Speed Data:** Optimized for 1Gbps to 10Gbps+ data rates, commonly used in Ethernet switches, routers, and Network Interface Cards (NICs).
* **Heat Dissipation:** The "Cage" structure often allows for airflow or the attachment of heat sinks to cool the optical transceiver modules inserted into them.
---
### Mechanical Considerations
* **Footprint:** This part requires a specific PCB layout. If you are designing a board, you must use the manufacturer-provided footprint to ensure the pins align with the high-speed signal traces.
* **Durability:** Designed for multiple insertion cycles (usually 100+ cycles) of SFP modules.
- ⤷
What is the exact datasheet for the Foxconn 48SV series?
- ⤷ Can this connector support 10G SFP+ modules?
- ⤷ What are the recommended soldering temperatures for the -R RoHS version?