công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48SV2-BHAST-R

  • AI
    Based on the part number provided, the **48SV2-BHAST-R** is a specific configuration of a **rotary encoder**, likely manufactured by **Nemicon** or a similar industrial sensor brand. These devices are used to convert mechanical rotation into electrical signals to monitor position, speed, or direction. --- ### 1. Technical Specifications Table The following table breaks down the technical characteristics typical of the **48SV2** series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | 48SV2 | 48mm diameter, Standard Voltage / Version 2 | | **Output Type** | Incremental | Produces a specific number of pulses per revolution | | **Signal Phases** | A, B, Z | Dual phase (A/B) for direction + Zero index (Z) | | **Supply Voltage** | 5V - 24V DC | Varies based on the driver IC used | | **Connection** | Cable / Connector | Rear or side entry depending on mounting | | **Protection** | IP50 - IP65 | Protection against dust and moisture ingress | --- ### 2. Breakdown of the Part Number While specific manufacturer catalogs can vary slightly, the suffix codes generally represent the following electronic and mechanical attributes: * **48**: Represents the outer diameter of the encoder body (48mm). * **SV2**: Series identifier (usually "Super Version 2" or Standard Voltage). * **B**: Often indicates the pulse per revolution (PPR) or a specific shaft configuration. * **HAST**: This typically refers to the electrical interface: * **H**: High-resolution or Hollow shaft. * **AS**: Often stands for **Asynchronous** or refers to the output circuit (e.g., Push-Pull or Line Driver). * **T**: Totem-pole (Push-Pull) output, which is compatible with both NPN and PNP logic. * **R**: Indicates **Reverse** rotation logic or a specific **Radial** cable exit. --- ### 3. Key Electronic Components The internal electronics of this encoder include: 1. **Infrared LED & Photodetector:** The optical heart of the device that generates the raw pulses. 2. **Code Disc:** A precision-slotted disc that modulates the light beam. 3. **Signal Processing IC:** Converts the analog sine-wave signals from the photodetector into clean square waves. 4. **Output Driver:** A robust transistor-based circuit (like a 74HC series or specialized driver) that allows the signal to travel over long cables without significant noise interference. --- ### 4. Typical Applications * **Servo Motors:** For closed-loop feedback control. * **Conveyor Systems:** Monitoring belt speed and item positioning. * **CNC Machinery:** Precise axis positioning. * **Elevators:** Tracking floor position and door speeds.
    ✨ Follow-up Questions
    • ⤷ What is the maximum Pulse Per Revolution (PPR) supported by this series?
    • ⤷ How do I wire a Totem-pole output to a PLC?
    • ⤷ What is the difference between this and an absolute encoder?