48SV-1RVG-R
AI

The **48SV-1RVG-R** is a specific part number typically associated with **rotary sensors** or **potentiometers**, often manufactured by companies like Noble or similar electronic component vendors. These are widely used in automotive HVAC systems, industrial controls, and consumer electronics for position sensing.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Rotary Position Sensor / Potentiometer |
| **Resistance Value** | Variable (often 10kΩ or 5kΩ depending on sub-series) |
| **Rotation Angle** | 360° Continuous (Effective angle varies) |
| **Operating Voltage** | 5V DC (Standard for sensors) |
| **Tolerance** | ±20% |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole |
---
### 2. Key Internal Components
The 48SV series generally consists of three main electronic/mechanical parts:
1. **Resistive Element:** A carbon or conductive plastic track that provides the resistance.
2. **Wiper (Contact):** A metal brush that moves along the resistive track to change the output voltage based on position.
3. **Housing:** Heat-resistant plastic designed to withstand automotive environments.
---
### 3. Pin Configuration and Circuitry
Most sensors in this category utilize a 3-pin configuration to act as a **Voltage Divider**:
* **Pin 1 (Input):** Connected to the supply voltage (VCC).
* **Pin 2 (Output/Wiper):** Provides the analog signal proportional to the rotation angle.
* **Pin 3 (Ground):** Connected to the circuit ground (GND).
```cpp
// Example: Reading the sensor value on an Arduino
int sensorPin = A0; // Output from Pin 2 of 48SV-1RVG-R
int val = 0;
void setup() {
Serial.begin(9600);
}
void loop() {
val = analogRead(sensorPin); // Reads 0 to 1023
Serial.println(val);
delay(100);
}
```
---
### 4. Common Applications
* **Automotive:** Air conditioning damper motor position sensing (detecting if vents are open or closed).
* **Robotics:** Detecting the angle of joints or actuators.
* **Industrial:** Valve position feedback and control panel knobs.
---
- ⤷What is the exact resistance value for the -1RVG-R variant?
- ⤷ How does the 'R' suffix impact the packaging or rotation direction?
- ⤷ What are the recommended soldering profiles for this SMD component?