công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDV-2R4-R

  • AI
    The part number **48NDV-2R4-R** typically refers to a specialized **DC-DC Converter** or an **Inductor/Transformer** component depending on the specific manufacturer (most commonly associated with power magnetic components or high-density power modules). Below is a breakdown of the typical electronic characteristics and specifications associated with this type of component. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the primary technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | DC-DC Converter / Power Module | | **Input Voltage Range** | 36V - 72V DC (48V Nominal) | | **Output Voltage** | 2.4V DC | | **Mounting Type** | Through-Hole or SMD (Depending on package) | | **Efficiency** | 85% - 92% | | **Isolation** | Often Isolated (Input to Output) | --- ### 2. Part Number Breakdown The alphanumeric code follows a specific logic used by power electronic manufacturers: * **48**: Represents the **Input Voltage**. This is designed for standard 48V telecommunications or industrial power rails. * **NDV**: Refers to the **Series Name**. "NDV" usually denotes a high-density, vertical, or non-isolated/isolated converter line. * **2R4**: Indicates the **Output Voltage**. In electronics, "R" acts as a decimal point. Therefore, `2R4` = **2.4 Volts**. * **R**: Typically signifies **RoHS Compliance** (Lead-free) or a specific **Reel/Packaging** type. --- ### 3. Key Electronic Features * **Voltage Regulation**: Provides a stable 2.4V output even if the 48V input fluctuates (common in battery-backed systems). * **Thermal Management**: These parts are often encapsulated or designed with high thermal conductivity to dissipate heat without a large heatsink. * **Protection Circuits**: Usually includes: * *Short Circuit Protection (SCP)* * *Over-Voltage Protection (OVP)* * *Under-Voltage Lockout (UVLO)* --- ### 4. Common Applications This specific component is used in environments where a high-voltage bus must be stepped down to low-voltage logic levels: 1. **Telecommunications**: Powering base stations or optical network hardware. 2. **Server/Data Centers**: Converting 48V rack power to CPU/Logic board voltages. 3. **Industrial Automation**: Powering PLC components or sensors from a 48V DC supply. --- ### 5. Schematic Symbol Representation In a circuit diagram, this part is represented as a block module: ```text +-----------------------+ Vin+ | (48V) (2.4V) | Vout+ ---->| NDV |----> | CONVERTER | ---->| |----> Vin- | (GND) (GND) | Vout- +-----------------------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 48NDV-2R4-R?
    • ⤷ Are there pin-compatible alternatives with different output voltages?
    • ⤷ Does this component require external filtering capacitors?