công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDT-2GF-R

  • AI
    The **48NDT-2GF-R** is a specific part number typically associated with **RJ45 Connector Modules** with integrated magnetics (often referred to as MagJack™). These components are essential in Ethernet networking hardware to provide physical connectivity and electrical isolation. --- ### 1. Technical Specifications Below are the general technical parameters for this class of electronic component: | Feature | Description | | :--- | :--- | | **Component Type** | RJ45 Modular Jack with Integrated Magnetics | | **Port Configuration** | 1x1 (Single Port) | | **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Tab Direction** | Tab Up | | **LED Configuration** | Green (Left) / Yellow (Right) - typical | | **Isolation Voltage** | 1500 Vrms | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Through-Hole (THT) | --- ### 2. Key Internal Components An integrated connector like the 48NDT-2GF-R is more than just a plastic plug; it contains several sub-components: 1. **Isolation Transformers:** These prevent DC offset and protect the PHY (Physical Layer) chip from high-voltage surges on the network cable. 2. **Common Mode Chokes:** Used to filter out Electromagnetic Interference (EMI) and ensure signal integrity. 3. **LEDs:** Integrated indicators that signal "Link" and "Activity" status directly on the port. 4. **Shielding:** A metal outer casing (usually nickel-plated copper alloy) to prevent RFI (Radio Frequency Interference). --- ### 3. Pinout & Signal Mapping While the external interface is a standard 8-pin RJ45, the internal PCB pins (the pins soldered to your board) follow a specific footprint. ```text Internal Schematic Logic: [Ethernet Cable] <--> [Transformer/Choke] <--> [Termination Resistors] <--> [PCB Pins] ``` * **TD+/-:** Transmit Data pairs. * **RD+/-:** Receive Data pairs. * **VCT:** Center tap connections for the transformers. --- ### 4. Common Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial PC:** Motherboards and Embedded systems (SBCs). * **IoT Gateways:** Devices requiring wired internet stability. * **Set-top Boxes:** High-speed data streaming hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint/dimensions for the 48NDT-2GF-R for PCB layout?
    • ⤷ Are there specific alternative parts from manufacturers like Pulse or Bel Fuse?
    • ⤷ How do the integrated magnetics improve signal-to-noise ratio in Gigabit Ethernet?