công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDT-2C2F-R/CE

  • AI
    The **48NDT-2C2F-R/CE** is a specialized industrial control component, typically categorized as a **Multi-functional Digital Timer** or **Time Delay Relay**. These units are widely used in automation panels to control the timing of electrical circuits. --- ## 1. Technical Specifications Below are the primary electronic and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC (Standard Universal Range) | | **Output Contacts** | 2 Changeover (DPDT - Double Pole Double Throw) | | **Contact Rating** | 5A @ 250V AC (Resistive Load) | | **Display Type** | Dual-line LED (Process Value & Set Value) | | **Time Ranges** | 0.01s to 99h 59m (Adjustable) | | **Mounting Type** | Panel Mount (Plug-in base or Flush mount) | | **Dimensions** | 48mm x 48mm (DIN Standard Size) | --- ## 2. Key Internal Components & Functions The device operates using a combination of digital logic and electromechanical switching: ### A. The Microcontroller (MCU) The "brain" of the unit. It handles the quartz-crystal timing frequency to ensure high precision (usually within ±0.05% error). It processes the input signals and manages the countdown logic. ### B. Output Relays (2C) The **2C** in the part number signifies **2 Form C** contacts. * These are physical electromagnetic relays. * When the timer reaches the set point, the MCU sends a signal to a transistor, which energizes the relay coil, flipping the internal switches to open or close external circuits. ### C. The Power Supply Module Since the unit runs on AC mains but the internal logic runs on DC (usually 5V or 12V), it contains a small **Switch Mode Power Supply (SMPS)** or a transformer-less capacitive dropper to regulate internal voltage. ### D. User Interface (2F) The **2F** typically refers to the front-face configuration: * **Tactile Buttons:** Used to set the time parameters. * **LED Indicators:** Show the current status of the output (OUT1, OUT2) and the timing progress. --- ## 3. Terminal Wiring Layout While you should always consult the specific wiring diagram printed on the side of the unit, the standard 8-pin or 11-pin configuration follows this logic: 1. **Power Input:** Terminals for Phase and Neutral (L/N). 2. **Gate/Reset/Start:** Input terminals for external dry contacts (sensors or switches) to trigger the timer. 3. **Relay Outputs:** * **Common (COM):** The feed. * **Normally Open (NO):** Closes when time is up. * **Normally Closed (NC):** Opens when time is up. --- ## 4. Operational Modes This unit is "Multi-functional," meaning it can be programmed for: * **On-Delay:** Waits for a set time before turning a machine on. * **Off-Delay:** Keeps a machine running for a set time after a signal is removed. * **Flicker (Symmetric/Asymmetric):** Cycles on and off repeatedly (useful for warning lights). * **Signal On/Off Delay:** Timing based on an external trigger pulse.
    ✨ Follow-up Questions
    • ⤷ How do I wire the 48NDT-2C2F-R/CE for a simple On-Delay operation?
    • ⤷ What is the difference between the 2C and 1C output configurations in this series?
    • ⤷ How can I reset the timer using an external hardware switch?