công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDR-4R4-R

  • AI
    The part number **48NDR-4R4-R** typically refers to a specialized **Power Transformer** or a **Power Supply module** (often associated with industrial automation or telecommunications power systems). Below is a breakdown of the electronic specifications and characteristics associated with this component type. --- ### 1. General Specifications While specific manufacturers (like Delta or specialized magnetics companies) may have slight variations, these parts generally follow these parameters: | Characteristic | Specification | | :--- | :--- | | **Component Type** | DC/DC Converter or Power Transformer | | **Input Voltage Range** | Typically 36V to 72V DC (Nominal 48V) | | **Output Voltage** | 3.3V, 5V, or 12V (Depends on specific sub-series) | | **Mounting Type** | Through-hole or PCB Mount | | **Efficiency** | Usually 85% - 92% | | **Isolation** | Standard 1500V DC to 2250V DC | --- ### 2. Part Number Breakdown (Functional Logic) The nomenclature can be interpreted as follows: * **48**: Represents the nominal input voltage (**48V DC**), common in telecom environments. * **N**: Often signifies "Negative Logic" for the remote On/Off function. * **D**: Usually indicates a "Dual" output or specific "DC/DC" conversion architecture. * **R**: Generally stands for "Regulated" or "RoHS Compliant." * **4R4**: Typically refers to the current rating (e.g., **4.4 Amps**) or a specific internal winding ratio. * **-R**: Terminal suffix indicating **RoHS compliance** (Lead-free). --- ### 3. Key Technical Features #### A. Power Conversion These units are designed to step down a high-voltage DC bus (48V) to a stable low voltage required by logic boards, sensors, or microprocessors. They utilize high-frequency switching to maintain a small footprint. #### B. Protection Circuits Most parts in this series include: * **Over-Current Protection (OCP):** Prevents damage during a short circuit. * **Over-Voltage Protection (OVP):** Clamps the output if the internal feedback loop fails. * **Thermal Shutdown:** Powers down the unit if the internal temperature exceeds safety limits (usually around 100°C - 125°C). #### C. Environmental & Physical * **Operating Temperature:** Typically rated for industrial ranges (**-40°C to +85°C**). * **Material:** Encapsulated in a flame-retardant plastic case or an open-frame design with a high-grade PCB. --- ### 4. Typical Applications * **Telecommunications:** Base stations and networking hubs. * **Industrial Automation:** Control systems requiring isolated 48V power. * **Data Centers:** Powering server rack peripherals. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for your 48NDR-4R4-R unit?
    • ⤷ Do you need the pinout diagram for this specific component?
    • ⤷ Are you looking for an equivalent replacement or a datasheet?