công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDR-4GD-R

  • AI
    Based on the product code **48NDR-4GD-R**, this typically refers to a specific configuration of a **Solid State Drive (SSD)** or a specialized **Industrial Memory Module**, often associated with brands like Apacer or industrial electronics manufacturers. Below is a breakdown of the electronic components and specifications for this type of part. --- ## 1. Product Specification Overview The part number follows a standard industrial naming convention. Here is the technical breakdown: | Specification | Details | | :--- | :--- | | **Capacity** | 4GB (Indicated by `4GD`) | | **Interface** | SATA or PATA (Depending on form factor, typically 44-pin or 40-pin) | | **Technology** | NAND Flash Storage | | **Type** | Industrial / Embedded Grade | | **Form Factor** | Disk-On-Module (DOM) or Compact Embedded Drive | --- ## 2. Key Electronic Components A device like the **48NDR-4GD-R** consists of three primary electronic layers: ### A. NAND Flash Memory Chips * **Function:** The non-volatile storage where data is physically kept. * **Type:** Likely **SLC (Single-Level Cell)** or **Industrial MLC**. SLC is preferred in industrial parts for its high endurance (100,000 write cycles) and reliability in harsh environments. ### B. The Controller (The Brain) * **Function:** Manages data flow between the host computer and the NAND flash. * **Processes:** * **Wear Leveling:** Ensures all memory cells are used evenly to prevent premature failure. * **ECC (Error Correction Code):** Detects and fixes bit errors during data transfer. * **Bad Block Management:** Identifies and maps out defective sectors. ### C. Interface Connector & Circuitry * **Pinout:** The "48" in the prefix often refers to the specific series or connector orientation (e.g., a 40-pin or 44-pin IDE/ATA header). * **Power Management:** Integrated circuits (ICs) that regulate voltage (usually 3.3V or 5V) to protect the flash from power spikes. --- ## 3. Industrial Features Unlike consumer-grade electronics, the "-R" suffix often denotes specific ruggedized features: 1. **Operating Temperature:** Typically rated for **-40°C to +85°C** (Industrial Wide Temp). 2. **Shock/Vibration Resistance:** Designed to withstand mechanical stress in factory automation or transportation. 3. **RoHS Compliance:** The "R" often confirms the part is Lead-Free and compliant with environmental regulations. --- ## 4. Typical Applications * **PLC (Programmable Logic Controllers):** Storing OS and logic data. * **Embedded Systems:** Used in kiosks, ATMs, or medical devices. * **Network Appliances:** Storing firmware for routers or firewalls. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact form factor (e.g.
    • ⤷ 44-pin DOM vs. 2.5-inch) for this part number?
    • ⤷ Can you provide the datasheet for the Apacer 48NDR series?
    • ⤷ What is the difference between SLC and MLC in industrial electronics?