48NDR-2R3-R
AI

The **48NDR-2R3-R** is a specific part number belonging to a series of high-performance **DC-DC Converters**, typically manufactured by companies like **Bel Power Solutions** (formerly Power-One). These components are designed to convert a source of direct current (DC) from one voltage level to another, providing isolation and regulation for sensitive electronic systems.
---
### Technical Specifications
Below are the typical specifications associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 36V to 72V DC (Nominal 48V) |
| **Output Voltage** | 3.3V DC (Dual or Single depending on configuration) |
| **Output Current** | ~2 to 3 Amps (Varies by load conditions) |
| **Isolation** | 1500V DC (Input to Output) |
| **Mounting Type** | Through-Hole (THT) |
| **Package/Case** | DIP (Dual In-line Package) or Module |
| **Efficiency** | Typically 80% - 88% |
---
### Breakdown of the Part Number
While manufacturers vary slightly, the nomenclature generally follows this logic:
1. **48**: Represents the nominal **Input Voltage** (48V DC, standard for telecom).
2. **N**: Usually indicates a specific series or mechanical configuration (Narrow/Standard).
3. **D/S**: Indicates **Dual** or **Single** output.
4. **2R3**: Specifies the **Output Voltage**. In this context, "2R3" often signifies **2.3V or 3.3V** regulation logic.
5. **R**: Generally stands for **RoHS Compliant** (lead-free).
---
### Key Features
* **Wide Input Range:** Capable of handling fluctuations in battery or power supply lines (standard 2:1 or 4:1 ratios).
* **Galvanic Isolation:** Protects the load from input-side surges and noise.
* **Protection Circuits:** Usually includes Over-Voltage Protection (OVP), Short-Circuit Protection (SCP), and Thermal Shutdown.
* **Compact Footprint:** Designed for PCB mounting where space is a premium.
### Common Applications
* **Telecommunications:** Powering logic boards from standard 48V racks.
* **Industrial Controls:** Providing stable low voltage to microprocessors and sensors.
* **Networking Gear:** Used in routers and switches for internal power distribution.
- ⤷
What is the maximum operating temperature for the 48NDR series?
- ⤷ Are there pin-compatible alternatives for this specific DC-DC converter?
- ⤷ Does this model support remote On/Off control?