48NDR-2C2A-R
AI

The **48NDR-2C2A-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **OEG (a TE Connectivity brand)** or similar industrial control manufacturers. It is designed for switching electrical loads in control circuits.
---
### 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer, the code generally breaks down as follows:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **48** | Nominal Voltage | Indicates a **48V DC** coil voltage. |
| **NDR** | Series Type | Represents the physical frame size and sealing (usually "Dust Protected"). |
| **2C** | Contact Form | **DPDT** (Double Pole Double Throw) – 2 Form C contacts. |
| **2A** | Contact Rating | Often refers to a specific contact material or a 2-Ampere rating (check datasheet for specific load limits). |
| **-R** | Feature | Usually indicates **RoHS Compliance** (Lead-free). |
---
### 2. Technical Specifications
Below are the typical technical parameters for this class of relay:
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 48V DC |
| **Contact Arrangement** | 2 Form C (DPDT) |
| **Max Switching Current** | Typically 1A to 5A (depending on the specific sub-series) |
| **Mounting Type** | Through-hole PCB mount |
| **Coil Power** | Approx. 150mW to 500mW |
| **Dielectric Strength** | ~1000V AC between open contacts |
---
### 3. Key Components & Construction
The relay consists of several internal electronic and mechanical parts:
1. **Electromagnetic Coil:** A copper winding around an iron core. When 48V DC is applied, it creates a magnetic field.
2. **Armature:** A moving lever attracted by the magnetic field of the coil.
3. **Contacts:** Usually made of **Silver Alloy** (Ag) to prevent oxidation and ensure good conductivity.
* **Normally Open (NO):** Circuit is open until the coil is energized.
* **Normally Closed (NC):** Circuit is closed until the coil is energized.
4. **Spring Mechanism:** Returns the armature to its original position once power is removed from the coil.
5. **Housing:** A plastic casing (often PBT) that protects the internal components from dust.
---
### 4. Common Applications
* **Telecommunications:** Signal switching in exchanges.
* **Industrial Controls:** Interfacing between low-power PLCs and higher-power actuators.
* **Security Systems:** Controlling alarms or electronic locks.
* **Office Automation:** Used in printers and photocopiers for motor or heater control.
- ⤷
What is the maximum switching voltage for the 48NDR-2C2A-R?
- ⤷ Can this relay be triggered by an Arduino or Raspberry Pi directly?
- ⤷ What are the physical dimensions and pinout for PCB layout?