48NDR-2C16-R
AI

The **48NDR-2C16-R** is a specific model of an **Electromechanical Power Relay**, typically manufactured by brands like **Goodsky** or similar industrial relay providers. It is widely used in automation and control circuits for switching high-current loads.
### 1. Part Number Breakdown
Understanding the nomenclature helps define the component's capabilities:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **48** | Coil Voltage | Operates at **48V DC**. |
| **NDR** | Series Name | High-capacity miniature power relay series. |
| **2C** | Contact Form | **DPDT** (Double Pole Double Throw). |
| **16** | Current Rating | Rated for up to **16 Amps**. |
| **R** | Feature/RoHS | Usually denotes **RoHS compliance** or a specific mounting style. |
---
### 2. Technical Specifications
The following table summarizes the key electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 48V DC |
| **Contact Arrangement** | 2 Form C (DPDT) |
| **Max Switching Current** | 16A |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Contact Material** | AgSnO2 (Silver Tin Oxide) for arc resistance |
| **Mounting Type** | Through-hole PCB Mount |
| **Dielectric Strength** | ~5,000V AC (between coil and contacts) |
---
### 3. Key Electronic Functions
The 48NDR-2C16-R functions as an electrically operated switch:
1. **Isolation:** It provides high galvanic isolation between the low-voltage control circuit (48V coil) and the high-voltage load (up to 250V AC).
2. **DPDT Logic:** Since it is a Double Pole Double Throw relay, it can control two separate circuits simultaneously or reverse the polarity of a DC motor.
3. **Power Handling:** The 16A rating makes it suitable for heavy-duty appliances, heating elements, or industrial motors.
---
### 4. Common Applications
* **Industrial Controls:** PLC output buffering and motor starters.
* **HVAC Systems:** Controlling fans, compressors, and heaters.
* **Power Supplies:** Used in UPS (Uninterruptible Power Supplies) for path switching.
* **Domestic Appliances:** High-power kitchen equipment or washing machines.
- ⤷
What is the power consumption of the 48V coil in this relay?
- ⤷ Can this relay be used with an AC control signal instead of 48V DC?
- ⤷ What are the recommended flyback diode specs for protecting the driver circuit?