công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NDM-4B-R/D

  • AI
    The **48NDM-4B-R/D** is a high-precision, industrial-grade **Direct Current (DC) Brushless Motor**, typically integrated with a specialized driver or controller. These motors are frequently used in automation, banking equipment (like ATMs), and medical devices due to their reliability and compact form factor. --- ### 1. Key Technical Specifications The part number indicates specific mechanical and electrical characteristics. Below is a breakdown of the typical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Rated Voltage** | 24V DC (Standard for the 48NDM series) | | **Phase** | 3-Phase | | **Poles** | 4-8 Pole construction (depending on internal winding) | | **Rotation** | Reversible (Controlled via driver logic) | | **Bearing Type** | Dual Ball Bearings (High durability) | --- ### 2. Electronic Components & Internal Architecture The "48NDM" series is more than just a motor; it contains specific electronic feedback elements: #### A. Hall Effect Sensors Unlike brushed motors, this unit uses **three Hall Effect sensors** positioned 120 degrees apart. These sensors detect the position of the permanent magnet rotor and send this data to the external controller to ensure precise commutation. #### B. The Stator Windings The "4B" designation often refers to the specific winding configuration. It uses high-quality copper coils arranged in a 3-phase star or delta configuration, designed for high torque density and low heat dissipation. #### C. Connector Interface (R/D Suffix) The **R/D** suffix usually denotes the wiring harness and feedback configuration: * **Speed Control:** Often supports PWM (Pulse Width Modulation) input for variable speed. * **Feedback Signal:** Provides a "FG" (Frequency Generator) signal or Tachometer output to monitor RPM. * **Braking/Direction:** Includes dedicated pins for electronic braking and clockwise/counter-clockwise switching. --- ### 3. Applications Because of its brushless nature (no brushes to wear out), it is used in environments requiring long life and low electronic noise: * **Financial Hardware:** Paper feed mechanisms in ATMs and bill counters. * **Office Automation:** High-end photocopiers and scanners. * **Medical:** Fluid pumps and diagnostic lab equipment. --- ### 4. Wiring Diagram (Generic Representation) Typically, the motor interface consists of two sets of wires: ```text Power Leads: - Red: VCC (24V) - Black: GND Control/Feedback Leads: - Yellow: Hall VCC - White: Hall GND - Blue/Green/Orange: Hall Phases (A, B, C) - Brown: FG (Frequency Generator/Speed Out) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum torque rating for the 48NDM-4B-R/D?
    • ⤷ How do I interface the FG signal with an Arduino or PLC?
    • ⤷ What are the compatible motor drivers for this specific BLDC model?