công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • 48NAVD-2RH-R

  • AI
    The **48NAVD-2RH-R** is a specific part number associated with high-efficiency **Variable Refrigerant Flow (VRF)** indoor units, typically manufactured by brands like **Carrier** or **Toshiba-Carrier**. It identifies a 4-Way Cassette indoor unit designed for commercial or large residential HVAC systems. Below is an explanation of its core electronic components and their functions. --- ### 1. Key Electronic Components The system relies on a complex interaction of sensors, controllers, and motors to maintain precise temperature control. | Component | Description | Function | | :--- | :--- | :--- | | **Main PCB (Printed Circuit Board)** | The "brain" of the unit. | Processes signals from the remote, sensors, and outdoor unit to manage operation. | | **Electronic Expansion Valve (EEV)** | A motorized needle valve. | Precisely controls the flow of refrigerant based on the cooling/heating load requirements. | | **DC Fan Motor** | A high-efficiency brushless motor. | Drives the centrifugal fan. Allows for multiple speed stages and quiet operation. | | **Thermistor Array** | Temperature-sensitive resistors (RTDs). | Monitors Room Temp (TA), Heat Exchanger Temp (TC), and Liquid Pipe Temp (TCJ). | | **Drain Pump & Float Switch** | Motorized pump and water level sensor. | Automatically removes condensate; the switch cuts power if a clog is detected to prevent leaks. | | **Communication Bus** | Two-wire non-polar connection. | Facilitates data exchange between the indoor unit, outdoor unit, and central controller. | --- ### 2. Operational Logic The electronics in the 48NAVD-2RH-R utilize **Inverter Technology** logic: 1. **Demand Sensing:** The internal thermistors detect a deviation from the setpoint. 2. **Signal Processing:** The Main PCB calculates the required refrigerant flow and fan speed. 3. **Actuation:** * The **EEV** adjusts its "steps" (opening wider or narrower). * The **DC Fan Motor** adjusts RPM for optimal airflow. 4. **Feedback Loop:** The PCB continuously communicates with the outdoor unit to adjust compressor frequency, ensuring the system only uses the exact amount of energy needed. --- ### 3. Technical Specifications (Electronic Related) | Specification | Details | | :--- | :--- | | **Power Supply** | Usually 208/230V, 1-Phase, 60Hz. | | **Control Voltage** | 12V DC / 5V DC (Internal logic). | | **Communication Protocol** | TCC-Link (Proprietary). | | **Airflow Control** | Multi-stage (High/Med/Low/Auto). | | **Safety Features** | Overcurrent protection, Freeze protection, Float switch interlock. | --- ### 4. Troubleshooting Interface The unit's electronics feature a self-diagnostic system. When a fault occurs, the **Main PCB** or the **Wired Remote Controller** will display a specific alphanumeric error code (e.g., E01, P10). * **P-Codes:** Generally indicate an issue with the indoor unit (e.g., Drain pump failure). * **E-Codes:** Generally indicate communication errors between units. ---
    ✨ Follow-up Questions
    • ⤷ What are the most common error codes for the 48NAVD series?
    • ⤷ How do you test the DC fan motor on this unit?
    • ⤷ What is the specific EEV pulse range for this model?